Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X006 Datasheet(PDF) 6 Page - STMicroelectronics

Part # X006
Description  0.8 A sensitive gate SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X006 Datasheet(HTML) 6 Page - STMicroelectronics

  X006 Datasheet HTML 1Page - STMicroelectronics X006 Datasheet HTML 2Page - STMicroelectronics X006 Datasheet HTML 3Page - STMicroelectronics X006 Datasheet HTML 4Page - STMicroelectronics X006 Datasheet HTML 5Page - STMicroelectronics X006 Datasheet HTML 6Page - STMicroelectronics X006 Datasheet HTML 7Page - STMicroelectronics X006 Datasheet HTML 8Page - STMicroelectronics X006 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ordering information scheme
X006
6/9
2
Ordering information scheme
Figure 16.
Ordering information scheme
X 006 02 M Z
1AA2
Blank
Sensitive SCR series
Sensitivity
Voltage
Package
Packing mode
Current
006 = 0.8 A
2AL2 = Ammopack
5AL2 = Tape & reel (TO-92)
5BA4 = Tape & reel (SOT-223)
02 = 200 µA
M = 600 V
A = TO-92 (A"Blank")
N = SOT-223 (N"No Blank”)
1AA2 = Bulk



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com