Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2RL3000L-8-T6/B. Datasheet(PDF) 4 Page - YAGEO Corporation

Part # 2RL3000L-8-T6/B.
Description  GAS DISCHARGE TUBES TELEPHONE INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

2RL3000L-8-T6/B. Datasheet(HTML) 4 Page - YAGEO Corporation

  2RL3000L-8-T6/B. Datasheet HTML 1Page - YAGEO Corporation 2RL3000L-8-T6/B. Datasheet HTML 2Page - YAGEO Corporation 2RL3000L-8-T6/B. Datasheet HTML 3Page - YAGEO Corporation 2RL3000L-8-T6/B. Datasheet HTML 4Page - YAGEO Corporation 2RL3000L-8-T6/B. Datasheet HTML 5Page - YAGEO Corporation 2RL3000L-8-T6/B. Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
6
Product Specification
2R-8x6(T6) series
GAS DISCHARGE TUBS
Circuit Protection
Electrical Ratings
Items
Test Condition/Description
Requirement
DC Spark-over
Voltage
The voltage is measured with voltage ramp dv/dt=100V/s.
To meet
the specified
value
Maximum Impulse
Spark-over Voltage
The maximum impulse spark-over voltage is measured with voltage ramp
dv/dt=1000V/
μs.
Impulse
Discharge Current
Maximum 8/20
μs surge current that can be applied between two
electrodes, 5 positive and 5 negative surges, with 3 minutes interval time.
0
10
50
90
100
Time
Impulse Width
8µs
20µs
Crest value
Alternating
Discharge Current
Rated RMS value of AC current at 50Hz, 1 sec. for 10 times with interval
time 3 min.
Insulation
Resistance
The resistance of gas tube shall be measured between two electrodes.
Capacitance
The capacitance of gas tube shall be measured between two electrodes.
Test frequency: 1MHz
Recommended Soldering Conditions
Wave Soldering
Time (minutes)
Preheating
Maximum Wave 265℃
Cooling
Soldering
3.5
4
2.5
3
1.5
2
0.5
1
0
300
250
200
150
100
50
0
Item
Conditions
Peak Temperature
265℃
Dipping Time
10 seconds
Soldering
1 time



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com