Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD80C0AFPS-C Datasheet(PDF) 21 Page - Rohm

Part # BD80C0AFPS-C
Description  For Automotive 1A, 8.0V Output LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD80C0AFPS-C Datasheet(HTML) 21 Page - Rohm

Back Button BD80C0AFPS-C Datasheet HTML 17Page - Rohm BD80C0AFPS-C Datasheet HTML 18Page - Rohm BD80C0AFPS-C Datasheet HTML 19Page - Rohm BD80C0AFPS-C Datasheet HTML 20Page - Rohm BD80C0AFPS-C Datasheet HTML 21Page - Rohm BD80C0AFPS-C Datasheet HTML 22Page - Rohm BD80C0AFPS-C Datasheet HTML 23Page - Rohm BD80C0AFPS-C Datasheet HTML 24Page - Rohm BD80C0AFPS-C Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21/23
TSZ02201-0G1G1A600030-1-2
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
BD80C0AFPS-C
TSZ22111 • 15 • 001
22.Dec.2017 Rev.001
Physical Dimension and Packing Information
Package Name
TO252S-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com