Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0654 Datasheet(PDF) 28 Page - DFROBOT

Part # DFR0654
Description  Compatible with DFRobot FireBeetle V2 Series
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0654 Datasheet(HTML) 28 Page - DFROBOT

Back Button DFR0654 Datasheet HTML 24Page - DFROBOT DFR0654 Datasheet HTML 25Page - DFROBOT DFR0654 Datasheet HTML 26Page - DFROBOT DFR0654 Datasheet HTML 27Page - DFROBOT DFR0654 Datasheet HTML 28Page - DFROBOT DFR0654 Datasheet HTML 29Page - DFROBOT DFR0654 Datasheet HTML 30Page - DFROBOT DFR0654 Datasheet HTML 31Page - DFROBOT DFR0654 Datasheet HTML 32Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 122 page
background image
2023/10/12 11:00
FireBeetle_Board_ESP32_E_SKU_DFR0654-DFRobot
https://wiki.dfrobot.com/FireBeetle_Board_ESP32_E_SKU_DFR0654
28/122
Preparation:
FireBeetle 2 ESP32-E (https://www.dfrobot.com/product-2195.html) (SKU: DFR0654) ×1
Gravity: Analog Rotation Potentiometer Sensor for Arduino - Rotation 300° (https://www.dfrobot.com/product-87.html) (SKU: DFR0054)
×1
What is ADC?
Analog-to-Digital converters (ADC) (https://wiki.analog.com/university/courses/electronics/text/chapter-20) translate analog signals, real
world signals like temperature, pressure, voltage, current, distance, or light intensity, into a digital representation of that signal. This digital
representation can then be processed, manipulated, computed, transmitted or stored. FireBeetle 2 ESP32-E has a 12-bit ADC with a max
output of 4095.
Note: The ADC on ESP32 can only measure around 2.5V instead of 3.3V, as shown in the example below.
Connection:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com