Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UILJCOMBO Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # UILJCOMBO
Description  Thermal Transfer Raised Panel Labels
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

UILJCOMBO Datasheet(HTML) 1 Page - PANDUIT CORP.

  UILJCOMBO Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SYSTEMS
Thermal Transfer Raised Panel Labels
• Raised thermal transfer printable surface
with high-tack adhesive for strong
holding power
• Variety of sizes and colors for a wide range
of applications
• Thermal transfer print technology provides
crisp, clear, and durable text
• Use with Panduit thermal transfer
resin ribbons
Ultimate ID® Network System Laser/Ink Jet Labels
• Ultimate ID ® Network Labeling Software is
included at no charge with each package of
laser/ink jet labels
• Labels can be printed in both laser and ink
jet printers
• Designed to efficiently support TIA/EIA-606-A
standard labeling requirements
• Laser and ink jet labels for use with Ultimate
ID ™ Faceplates, Patch Panels, Marker Ties,
Modular Furniture Faceplate, and Surface
Mount Boxes
• Durable multi-layer construction
• Non-adhesive labels are easily removed from
8.5" x 11" label sheets
• Unique non-adhesive material configuration
• Ultimate ID ™ Labels are part of a complete
system for identification designed to
efficiently support TIA/EIA-606-A standard
labeling requirements
For Electrical Ivory labels, add EI to end of part number.
Order number of sheets required in multiples of Std. Pkg. Qty.
Part Number‡
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
UILJ1
White, non-adhesive polyester labels, 264 per sheet, 1-port labels.
0.68
17.3
0.24
6.0
5
50
UILJ2
White, non-adhesive polyester labels, 132 per sheet, 2-port labels.
1.32
33.4
0.24
6.0
5
50
UILJ3
White, non-adhesive polyester labels, 99 per sheet, 3-port labels.
1.95
49.5
0.24
6.0
5
50
UILJ4
White, non-adhesive polyester labels, 66 per sheet, 4-port labels.
2.59
65.7
0.24
6.0
5
50
UILJ6
White, non-adhesive polyester labels, 66 per sheet, 6-port labels.
3.86
97.9
0.24
6.0
5
50
UILJCOMBO
White, non-adhesive polyester labels, combination sheet with forty
1-port, sixty 2-port, three 3-port and twenty-four 4-port labels.
—
—
0.24
6.0
5
50
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C100X050APT
White, raised panel component label.
1.00
25.4
0.50
12.7
500
2000
C100X050A0T
Black, raised panel component label.
1.00
25.4
0.50
12.7
500
2000
C200X100APT
White, raised panel component label.
2.00
50.8
1.00
25.4
500
2000
C200X100A0T
Black, raised panel component label.
2.00
50.8
1.00
25.4
500
2000
C300X100APT
White, raised panel component label.
3.00
76.2
1.00
25.4
500
2000
C300X100A0T
Black, raised panel component label.
3.00
76.2
1.00
25.4
500
2000
C400X100APT
White, raised panel component label.
4.00
101.6
1.00
25.4
500
2000
C400X100A0T
Black, raised panel component label.
4.00
101.6
1.00
25.4
500
2000
C252X030APT
White, raised panel component label.
2.52
64.0
0.30
7.6
500
2000
C252X030A0T
Black, raised panel component label.
2.52
64.0
0.30
7.6
500
2000
C379X030APT
White, raised panel component label.
3.79
96.3
0.30
7.6
500
2000
C379X030A0T
Black, raised panel component label.
3.79
96.3
0.30
7.6
500
2000


Similar Part No. - UILJCOMBO

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
UILJCOMBO PANDUIT-UILJCOMBO Datasheet
2Mb / 28P
TIA/EIA-606-A Labeling Compliance
7/2010
More results

Similar Description - UILJCOMBO

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CL3803-000 MACOM-CL3803-000 Datasheet
370Kb / 4P
Solar Panel Installation Identification labels
1654227 MACOM-1654227 Datasheet
2Mb / 48P
Thermal Transfer
logo
List of Unclassifed Man...
R6011 ETC2-R6011 Datasheet
496Kb / 1P
Thermal Transfer Print Ribbons
logo
PANDUIT CORP.
C025X025KBT PANDUIT-C025X025KBT Datasheet
95Kb / 3P
Thermal Transfer Component Labels
RHR4BL-S PANDUIT-RHR4BL-S Datasheet
104Kb / 2P
Thermal Transfer Resin Ribbon
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
logo
HellermannTyton.
TAG22T3-100B HELLERMANNTYTON-TAG22T3-100B Datasheet
366Kb / 3P
Thermal Transfer Labels, Self-Laminating, 1.0 x .5 x 1.43, 3 Across, VL, White, 5000/roll
2022
TAG3T3-100B HELLERMANNTYTON-TAG3T3-100B Datasheet
366Kb / 3P
Thermal Transfer Labels, Self-Laminating, 1.0 x 1.0 x 3.75, 3 Across, VL, White, 3000/roll
2022
TAG6T1-100B HELLERMANNTYTON-TAG6T1-100B Datasheet
368Kb / 3P
Thermal Transfer Labels, Self-Laminating, 2.0 x 1.0 x 3.75, 1 Across, VL, White, 1000/roll
2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com