Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP300 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # MP300
Description  PXE™ SERIES Mobile Printer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP300 Datasheet(HTML) 2 Page - PANDUIT CORP.

  MP300 Datasheet HTML 1Page - PANDUIT CORP. MP300 Datasheet HTML 2Page - PANDUIT CORP. MP300 Datasheet HTML 3Page - PANDUIT CORP. MP300 Datasheet HTML 4Page - PANDUIT CORP. MP300 Datasheet HTML 5Page - PANDUIT CORP. MP300 Datasheet HTML 6Page - PANDUIT CORP. MP300 Datasheet HTML 7Page - PANDUIT CORP. MP300 Datasheet HTML 8Page - PANDUIT CORP. MP300 Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Product Bulletin
PXE™SERIES Mobile Printers
Do your job smarter, faster and easier with PXE Series Mobile Printers. This full line of advanced
identification printers combine Panduit’s industry-leading performance and field-tested durability
with Epson’s world-class printing technology.
Easy-Mark Plus™ Software
MP300 Mobile Label Printer
Industrial grade finished marking
solutions for network and electrical
contractors and safety professionals.
FEATURES:
• Shared MP Cassette Platform
• 360 dpi print resolution
• Automatic cutter with full and half cut
• Fast 1.4 in./sec. print speed
• Up to 1.5 in. wide label sizes
• Prints
die-cut and continuous labels
• USB connectivity
• Prints from Easy-Mark Plus™ Software
• Magnetic attachment accessory
• Rechargeable battery pack
MP300
PXE™ Series Mobile Printer
• Common templates to easily
create and print all electrical and
network applications
• 11 languages included
• Available for USB flash drive, CD, web download or
network server-based version
• Works with Panduit portable and desktop thermal
transfer printers, Panduit embossing systems and
other laser jet and ink jet printers
• A free 90 day trial version is available from
www.panduit.com
Epson™ Print Technology
Epson is a global technology leader dedicated to
connecting people, things and information with efficient,
compact and precision technologies.
Panduit™ Labeling and Software Expertise
Panduit creates leading-edge labeling solutions for
electrical and network environments, from the data center
to the telecom room, the jobsite to the plant floor.
TM
TM
PORTABLE LABELING SOLUTION PARTNERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com