Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMB-1 Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # PCMB-1
Description  Cable Ties & Wire Markers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCMB-1 Datasheet(HTML) 6 Page - PANDUIT CORP.

  PCMB-1 Datasheet HTML 1Page - PANDUIT CORP. PCMB-1 Datasheet HTML 2Page - PANDUIT CORP. PCMB-1 Datasheet HTML 3Page - PANDUIT CORP. PCMB-1 Datasheet HTML 4Page - PANDUIT CORP. PCMB-1 Datasheet HTML 5Page - PANDUIT CORP. PCMB-1 Datasheet HTML 6Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
800.777.3300 | Panduit.com
Wire Markers | Cable Ties & Wire Markers
Blank Self-Laminating Write-On Wire/Cable Marker Books
• 10 pages of markers per book
• Clear section of marker overlaminates and protects printed legend
• Markers have ink receptive area to allow handwritten legends
Part No.
Marker Size
Markers Per Page
Markers Per Book
PSCB-3Y
1"W x 3"L
6
60
PSCB-6Y
1"W x 6"L
3
30
Blank Self-Laminating Wire/Cable Marker Dispensers
• Self-laminating labels are provided in handy dispenser which
protects markers when not in use
• Clear section of marker overlaminates and protects
write-on legend
• Quick, easy to use for smaller installations and maintenance
• White, adhesive back write-on vinyl
• Indoor/outdoor rated conformable material for general
wire/cable labeling
• Temperature Range: -40° to 150°F
Kit Part No.
Refill Roll Part No.
Kit Content
Marker Size
Print-On Height
Min. Cable O.D.
Max. Cable O.D.
Std. Pkg. Qty.
S100X125VARY
S100X125VAFY
(1) Dispenser
(1) Roll, white write-on, vinyl label
(1) PFX-0 pen
1"W x 1.25"L
0.38"
0.12"
0.28"
Roll of 200
S100X225VARY
S100X225VAFY
(1) Dispenser
(1) Roll, white write-on, vinyl label
(1) PFX-0 pen
1"W x 2.25"L
0.75"
0.24"
0.48"
Roll of 100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com