Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51RAA-R25-A10L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 51RAA-R25-A10L
Description  Bourns Model 51/53 Series Panel Controls
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

51RAA-R25-A10L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  51RAA-R25-A10L Datasheet HTML 1Page - Bourns Electronic Solutions 51RAA-R25-A10L Datasheet HTML 2Page - Bourns Electronic Solutions 51RAA-R25-A10L Datasheet HTML 3Page - Bourns Electronic Solutions 51RAA-R25-A10L Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P ANEL C ONTROLS
SC1461
December, 2014
Bourns® Model 51/53 Series Panel Controls
Change to Terminal Material
The terminal material in the Bourns® Model 51/53 Series Panel Controls is being changed from
CI 100 1/2 Hard Copper Alloy (tensile strength: 35-45 KSI) to CA 510 Phosphor Bronze (tensile
strength: 76-91 KSI). The terminal design within the housing is also being modified to add material
for improved bend strength. The external terminal dimensions will remain unchanged.
This change is being implemented to improve the tensile strength of the terminal. This change does
not affect form, fit or function of the product. However, this change should improve the quality and
reliability of the terminal.
This material change has been qualified and approved by Engineering, Product Management and
Production for implementation in standard catalog and customer-specific part numbers. This change
meets current published performance specifications. Evaluation samples are available upon request.
For the complete list of affected part numbers please refer to Table 1 on the following pages.
Implementation dates are as follows:
Last time buy date: March 6, 2015
Date that manufacturing of existing product will cease: March 31, 2015
Date that deliveries of modified products will begin: April 1, 2015
First date code using the above changes: 1513
If you have any questions or need additional information, please feel free to contact Customer
Service/Inside Sales.


Similar Part No. - 51RAA-R25-A10L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
51RAA-B28-A15L BOURNS-51RAA-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
More results

Similar Description - 51RAA-R25-A10L

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
logo
Bourns Electronic Solut...
51AAD-B28-A15L BOURNS-51AAD-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
53RAA-R25-A15L BOURNS-53RAA-R25-A15L Datasheet
382Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
CR00201-FW-8252ELF BOURNS-CR00201-FW-8252ELF Datasheet
312Kb / 8P
Bourns Chip Resistors and Arrays
PTE BOURNS-PTE Datasheet
38Kb / 3P
Panel Controls
PTB BOURNS-PTB Datasheet
36Kb / 2P
Panel Controls
PDV BOURNS-PDV Datasheet
31Kb / 2P
Panel Controls
SD-SERIES BOURNS-SD-SERIES Datasheet
686Kb / 2P
Bourns® Mini-Breaker Thermal Cutoff Device (TCO) Model SD and AD Series
3/23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com