Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF05VAM2S Datasheet(PDF) 16 Page - Rohm

Part # RF05VAM2S
Description  Isolated Flyback Type PWM Mode BM1P10CFJ Evaluation Board
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF05VAM2S Datasheet(HTML) 16 Page - Rohm

Back Button RF05VAM2S Datasheet HTML 12Page - Rohm RF05VAM2S Datasheet HTML 13Page - Rohm RF05VAM2S Datasheet HTML 14Page - Rohm RF05VAM2S Datasheet HTML 15Page - Rohm RF05VAM2S Datasheet HTML 16Page - Rohm RF05VAM2S Datasheet HTML 17Page - Rohm RF05VAM2S Datasheet HTML 18Page - Rohm RF05VAM2S Datasheet HTML 19Page - Rohm RF05VAM2S Datasheet HTML 20Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
14/18
User
’s Guide
BM1P10CFJ-EVK-001
© 2020 ROHM Co., Ltd.
No. 63UG022E Rev.001
2020.08
Measurement Data - continued
4
Switching Wave Form
Figure 21. MOSFET Wave Form (VIN = 90 Vac, IOUT = 2 A)
Figure 22. MOSFET Wave Form (VIN = 264 Vac, IOUT= 2 A)
Figure 23. Diode Wave Form (VIN = 90 Vac, IOUT = 2 A)
Figure 24. Diode Wave Form (VIN = 264 Vac, IOUT = 2 A)
100 V / Div
1 A / Div
50 V / Div
100 V / Div
5 A / Div
50 V / Div
5 A / Div
MOSFET VDS
Drain Current ID
Secondary Diode Voltage VD
Secondary Diode Current IS
Secondary Diode Voltage VD
Secondary Diode Current IS
100V / Div
MOSFET VDS
Drain Current ID
1 A / Div
50 V / Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com