Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU21180FS Datasheet(PDF) 26 Page - Rohm

Part # BU21180FS
Description  Capacitive Switch Controller IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21180FS Datasheet(HTML) 26 Page - Rohm

Back Button BU21180FS Datasheet HTML 22Page - Rohm BU21180FS Datasheet HTML 23Page - Rohm BU21180FS Datasheet HTML 24Page - Rohm BU21180FS Datasheet HTML 25Page - Rohm BU21180FS Datasheet HTML 26Page - Rohm BU21180FS Datasheet HTML 27Page - Rohm BU21180FS Datasheet HTML 28Page - Rohm BU21180FS Datasheet HTML 29Page - Rohm BU21180FS Datasheet HTML 30Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
26/40
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BU21180FS
TSZ02201-0L5L0F300930-1-2
06.Aug.2018 Rev.002
0x9B: Control Mode
Name:
MODE_CFG
Address:
0x9B
Description:
This register configures the functions for calibration and sensor.
SCAN_SEL: Sensor High Impedance
This bit configures the states of enabled sensors during the other sensor is sensing.
0: Sensor outputs low.
1: Sensor becomes high impedance.
ADJ_OFS_ENB: Offset Calibration
This bit configures whether the offset calibration to the register
“Filter Sensor Data” is performed or not.
0: Offset calibration is enabled.
1: Offset calibration is disabled.
The limitation about offset calibration
1.
The register
“Switch ON Threshold” setting value is 0x50 or over.
2.
The register “Periodical Calibration” settings is disabled, or the register “Filter Tap” setting value is
0x06 or over
when the register “Periodical Calibration” is enabled.
3.
The completion without calibration
failures is needed to confirm the register “Calibration Failure
Number of Times
” before and after the software calibration completion is complete. Calibration must to
be performed again when calibration failures.
UNK_CAL_EN: Unexpected Long Press Calibration
This bit configures whether automatic calibration is performed when unexpected long press is detected.
This calibration is effective only to the unexpected long press switches.
0: Unexpected Long Press Calibration is disabled.
1: Unexpected Long Press Calibration is enabled.
LOWER_CAL_EN: Lower Calibration
This bit configures whether automatic calibration is performed when the data of the register
“Filter Sensor
Data
” is smaller than the reference value. When the offset calibration is enabled, this calibration is
disabled.
0: Lower Calibration is disabled.
1: Lower Calibration is enabled.
CAL_SFT_EN: Sampling Frequency Modulation
This bit configures whether frequency modulation is performed when calibration fails.
0: Frequency modulation is disabled.
1: Frequency modulation is enabled.
MLT_SW_EN: Multiple Switches Control
This bit configures whether multiple switches are usable at the same time. In the case multiple switches
are usable, the register
“Switch Detection Time” and “Multiple Pattern Switches Assignment” are disabled.
0: Multiple switches are unusable.
1: Multiple switches are usable.
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x9B
R/W
0x80
MLT_SW
_EN
-
-
CAL_SFT
_EN
LOWER
_CAL_EN
UNK_CAL
_EN
ADJ_OFS
_ENB
SCAN_SEL
0x9C: Oversampling
Name:
OST_CFG
Address:
0x9C
Description:
This register configures the number of oversampling to reject chattering. The result is reflected to the register
“Switch ON Detection” and “Switch OFF Detection” when ON / OFF judgment is same as “OST[3:0]+1”
times.
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x9C
R/W
0x03
-
-
-
-
OST[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com