Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX2003 Datasheet(PDF) 13 Page - Rohm

Part # MCR03EZPFX2003
Description  Isolated Flyback Type PWM Mode BM1P10CFJ Evaluation Board
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR03EZPFX2003 Datasheet(HTML) 13 Page - Rohm

Back Button MCR03EZPFX2003 Datasheet HTML 9Page - Rohm MCR03EZPFX2003 Datasheet HTML 10Page - Rohm MCR03EZPFX2003 Datasheet HTML 11Page - Rohm MCR03EZPFX2003 Datasheet HTML 12Page - Rohm MCR03EZPFX2003 Datasheet HTML 13Page - Rohm MCR03EZPFX2003 Datasheet HTML 14Page - Rohm MCR03EZPFX2003 Datasheet HTML 15Page - Rohm MCR03EZPFX2003 Datasheet HTML 16Page - Rohm MCR03EZPFX2003 Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
11/18
User
’s Guide
BM1P10CFJ-EVK-001
© 2020 ROHM Co., Ltd.
No. 63UG022E Rev.001
2020.08
Measurement Data
1
Load Regulation
F
i
g
u
r
e
9
.
L
o
F
i
Figure 9. Regulation (VOUT vs IOUT)
Figure 10. Load Regulation (Efficiency vs IOUT)
Figure 11. Load Regulation (VOUT vs IOUT)
Figure 12. Load Regulation (Efficiency vs IOUT)
22.8
23.3
23.8
24.3
24.8
0
0.5
1
1.5
2
Output Current: IOUT [A]
90V
115V
230V
264V
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
Output Current: IOUT [A]
90V
115V
230V
264V
7.1
7.3
7.5
7.7
7.9
0
0.5
1
1.5
2
Output Current: IOUT [A]
90V
115V
230V
264V
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
Output Current: IOUT [A]
90V
115V
230V
264V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com