Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

37101006 Datasheet(PDF) 23 Page - ROSE Systemtechnik GmbH

Part # 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Datasheet(HTML) 23 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 19Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 20Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 21Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 22Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 23Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 24Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 25Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 26Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 27Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Polycarbonate enclosure with standard or transparent lid
ECO version: base with smooth side walls, lid version standard or trans-
parent
PCI version: base with knock-outs for cable glands
Included in delivery
Plastic enclosure consisting of lid,
seal, incl. captive +/-lid screws and
screw set for fastening incl. sealing
caps.
3-D data
and drawings
Technical data
Material:
Thermoplast PS
Colour:
RAL 7035, light grey
Protection class:
IP66 according to EN 60529
Impact resistance:
IK07 according to EN 60068-2-75
Flammability:
UL 94 HB
Insulation:
Protection class II according to VDE 0140
Toxicity:
halogen-free
Weather resistance:
generally good, protect from direct sunlight
Chemical resistance:
generally good. However, not resistant to petrol, diesel, oils
and greases or strong acids.
Temperature resistance:
-25 °C to +40 °C
Product overview
Type
Order no.
Dimensions
Type
Order no.
Mounting
plates
Mounting rails TS 15 (mm) Mounting rails TS 35 (mm)
49,5 80 92 111 154 81 106 144 216 336
ECO 01-6
60 07 07 11 0
65 x 65 x 57
PCI 01-6M
60 07 07 15 0
*
*
ECO 01-8
60 07 07 21 0
65 x 65 x 81
*
*
ECO 02-6
60 07 09 11 0
65 x 94 x 57
PCI 02-6M 60 07 09 15 0
*
*
*
ECO 02-8
60 07 09 21 0
65 x 94 x 81
*
*
*
ECO 03-6
60 09 09 11 0
94 x 94 x 57
PCI 03-6M 60 09 09 15 0
*
*
ECO 03-8
60 09 09 21 0
94 x 94 x 81
*
*
ECO 03-6 t
60 09 09 12 0
94 x 94 x 57
*
*
ECO 03-8 t
60 09 09 22 0
94 x 94 x 81
*
*
ECO 04-6
60 09 13 11 0
94 x 130 x 57
PCI 04-6M 60 09 13 15 0
*
*
*
*
*
*
ECO 04-8
60 09 13 21 0
94 x 130 x 81
*
*
*
*
*
*
ECO 04-6 t
60 09 13 12 0
94 x 130 x 57
*
*
*
*
*
*
ECO 04-8 t
60 09 13 22 0
94 x 130 x 81
*
*
*
*
*
*
ECO 05-7
60 11 11 11 0
110 x 110 x 66
*
*
*
*
ECO 05-9
60 11 11 21 0
110 x 110 x 90
PCI 05-9M 60 11 11 15 0
*
*
*
*
ECO 05-7 t
60 11 11 12 0
110 x 110 x 66
*
*
*
*
ECO 05-9 t
60 11 11 22 0
110 x 110 x 90
*
*
*
*
ECO 06-7
60 13 13 11 0
130 x 130 x 75
PCI 06-7M
60 13 13 15 0
*
*
*
*
*
*
ECO 06-10
60 13 13 21 0
130 x 130 x 99
*
*
*
*
*
*
ECO 06-7 t
60 13 13 12 0
130 x 130 x 75
*
*
*
*
*
*
ECO 06-10 t
60 13 13 22 0
130 x 130 x 99
*
*
*
*
*
*
ECO 07-6
60 09 18 11 0
94 x 180 x 57
PCI 07-6M
60 09 18 15 0
*
*
*
*
*
ECO 07-8
60 09 18 21 0
94 x 180 x 81
*
*
*
*
*
ECO 07-6 t
60 09 18 12 0
94 x 180 x 57
*
*
*
*
*
ECO 07-8 t
60 09 18 22 0
94 x 180 x 81
*
*
*
*
*
ECO 08-9
60 11 18 11 0
110 x 180 x 90
PCI 08-9M 60 11 18 15 0
*
*
*
*
*
*
ECO 08-11
60 11 18 21 0
110 x 180 x 111
PCI 08-11M 60 11 18 25 0
*
*
*
*
*
*
ECO 08-9 t
60 11 18 12 0
110 x 180 x 90
*
*
*
*
*
*
ECO 08-11 t
60 11 18 22 0
110 x 180 x 111
*
*
*
*
*
*
ECO 09-9
60 18 18 11 0
180 x 182 x 90
PCI 09-9M 60 18 18 15 0
*
*
*
ECO 09-11
60 18 18 21 0
180 x 182 x 111
PCI 09-11M 60 18 18 25 0
*
*
*
ECO 09-16
60 18 18 31 0
180 x 182 x 165
*
*
*
ECO 09-9 t
60 18 18 12 0
180 x 182 x 90
*
*
*
ECO 09-11 t
60 18 18 22 0
180 x 182 x 111
*
*
*
ECO 09-16 t
60 18 18 32 0
180 x 182 x 165
*
*
*
ECO 10-6
60 18 25 10 0
180 x 254 x 63
PCI 10-6M
60 18 25 05 0
*
*
*
*
ECO 10-9
60 18 25 11 0
180 x 254 x 90
PCI 10-9M
60 18 25 15 0
*
*
*
*
ECO 10-11
60 18 25 21 0
180 x 254 x 111
PCI 10-11M
60 18 25 25 0
*
*
*
ECO 10-16
60 18 25 31 0
180 x 254 x 165
*
*
*
ECO 10-6t
60 18 25 09 0
180 x 254 x 63
*
*
*
*
ECO 10-9 t
60 18 25 12 0
180 x 254 x 90
*
*
*
ECO 10-11 t
60 18 25 22 0
180 x 254 x 111
*
*
*
ECO 10-16 t
60 18 25 32 0
180 x 254 x 165
*
*
*
*
ECO 11-11
60 25 36 11 0
254 x 361 x 111
PCI 11-11M
60 25 36 15 0
*
*
*
ECO 11-16
60 25 36 21 0
254 x 361 x 165
*
*
*
ECO 11-11 t
60 25 36 12 0
254 x 361 x 111
*
*
*
ECO 11-16 t
60 25 36 22 0
254 x 361 x 165
*
*
*
t = lid transparent
ECO /PCI Compact enclosures
Compact enclosures ECO /PCI / Standard enclosures
INDUSTRIAL ENCLOSURES
ECO /PCI Compact enclosures
Compact enclosure ECO /PCI / Standard enclosures
INDUSTRIAL ENCLOSURES
Page
45
ENCLOSURE SYSTEMS
Page
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com