Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEX4S953LP Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # PEX4S953LP
Description  4-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Serial DB9 - 16950 UART - Low Profile Expansion Card - Windows/Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX4S953LP Datasheet(HTML) 1 Page - StarTech.com Ltd.

  PEX4S953LP Datasheet HTML 1Page - StarTech.com Ltd. PEX4S953LP Datasheet HTML 2Page - StarTech.com Ltd. PEX4S953LP Datasheet HTML 3Page - StarTech.com Ltd. PEX4S953LP Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to
Serial DB9 - 16950 UART - Low Profile Expansion Card - Windows/Linux
Product ID: PEX4S953LP
This PCI Express RS232 serial adapter card lets you add four RS232 (DB9) serial ports to your computer through a
PCI Express (PCIe) slot. The 4 port PCIe serial card enables you to interact with serial devices, such as card readers,
printers, PIN pads, and modems, at speeds of up to 921.6Kbps.
With broad OS support, including for Windows and Linux, this PCI E serial card is easy to integrate into mixed
environments. The card comes pre-configured with low-profile brackets and includes optional full-profile brackets, so
installation is easy regardless of the case form factor. This card is a direct replacement for PEX4S952LP.
• This PCIe to serial adapter supports the following features:
• Compatible with industry-standard 16950 UART
• Supports max baud rate of up-to 921.6Kbps
• Provides 5/12V power output on Pin 9 when external power is connected
• 256-byte depth FIFO cache per transmitter and receiver
• Supports 9, 8, 7, 6, 5 data bits (one per port)
• Asix AX99100 chipset
PCI Express 1.1 compliant
StarTech.com conducts thorough compatibility and performance testing on all our products to ensure we are meeting
or exceeding industry standards and providing high-quality products to IT Professionals. Our local StarTech.com
Technical Advisors have broad product expertise and work directly with our StarTech.com Engineers to provide
support for our customers both pre and post-sales.
PEX4S03LP is backed by a StarTech.com lifetime warranty and free lifetime technical support.


Similar Part No. - PEX4S953LP

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEX4S953 STARTECH-PEX4S953 Datasheet
131Kb / 4P
4-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Serial DB9 Card - 16950 UART - Expansion Card - Windows/Linux
More results

Similar Description - PEX4S953LP

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
PCI Express to 2-Port Serial ATA II Host Controller
SII3531A SILICONIMAGE-SII3531A Datasheet
524Kb / 81P
PCI Express to Serial ATA Controller
logo
DB Lectro Inc
LS100 DBLECTRO-LS100 Datasheet
298Kb / 2P
Supports RS232 based serial devices via its DB9 serial port
LS100B DBLECTRO-LS100B Datasheet
298Kb / 2P
Supports RS232 based serial devices via its DB9 serial port
LS110 DBLECTRO-LS110 Datasheet
298Kb / 2P
Supports RS232 based serial devices via its DB9 serial port
logo
Tripp Lite. All Rights ...
PCE-D9-04-CBL TRIPPLITE-PCE-D9-04-CBL Datasheet
505Kb / 2P
4-Port DB9 (RS-232) Serial PCI Express (PCIe) Card with Breakout Cable, Full Profile
PCI-D9-02-LP TRIPPLITE-PCI-D9-02-LP Datasheet
497Kb / 2P
2-Port DB9 (RS-232) Serial PCI Card with 16550 UART, Low Profile
logo
Beckhoff Automation Gmb...
C9900-E301 BECKHOFF-C9900-E301 Datasheet
117Kb / 1P
RS232 PCIe module
logo
Advantech Co., Ltd.
BB-DSLP-PCIE-100 ADVANTECH-BB-DSLP-PCIE-100 Datasheet
204Kb / 1P
PCI Express Low Profile RS-232 Serial Card
logo
Coolgear Inc.
SG-PCIE8SRS422485MOD COOLGEAR-SG-PCIE8SRS422485MOD Datasheet
315Kb / 4P
8 Port Serial RS232/422/485 PCIe Adapter Module
7/16/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com