Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEX4SFF8639 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # PEX4SFF8639
Description  U.2 to PCIe Adapter for 2.5" U.2 NVMe SSD - SFF-8639 - x4 PCI Express 4.0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX4SFF8639 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  PEX4SFF8639 Datasheet HTML 1Page - StarTech.com Ltd. PEX4SFF8639 Datasheet HTML 2Page - StarTech.com Ltd. PEX4SFF8639 Datasheet HTML 3Page - StarTech.com Ltd. PEX4SFF8639 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
U.2 to PCIe Adapter for 2.5" U.2 NVMe SSD - SFF-8639 - x4 PCI Express 4.0
Product ID: PEX4SFF8639
Get ultra-fast data access by adding an NVMe U.2 SSD to your computer. This U.2 to PCIe adapter lets you add a
high-speed, U.2 (4-lane PCIe) 2.5" NVMe SSD, such as the Intel 750 Series drive, to a PC with an available x4 PCI
Express expansion slot.
You can mount the PCIe U.2 drive directly onto the adapter, giving you an easy and convenient way to improve your
system performance and expand overall internal storage.
The expansion card lets you take full advantage of the fast performance and compact size of PCIe U.2 internal
solid-state drives. The adapter connects directly to your computer motherboard to support an NVMe U.2 PCIe-based
SSD through ultra-fast x4 PCIe. With the U.2 PCIe-based drive in place, the adapter gives your computer a significant
speed boost.
The expansion card is equipped with a full-profile bracket and doesn't require an adapter cable for installation, this
helps to reduce clutter and simplifies system builds. The drive connects directly to the SFF-8639 connector on the
adapter, and the adapter connects directly to the computer motherboard.
The adapter is compatible with PCIe 4.0 motherboards and is also backward compatible with PCIe 3.0 / 2.0 / 1.0.
The PEX4SFF8639 is backed by a StarTech.com 2-year warranty and free lifetime technical support.
Certifications, Reports and Compatibility


Similar Part No. - PEX4SFF8639

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEX4S953 STARTECH-PEX4S953 Datasheet
131Kb / 4P
4-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Serial DB9 Card - 16950 UART - Expansion Card - Windows/Linux
PEX4S953LP STARTECH-PEX4S953LP Datasheet
130Kb / 4P
4-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Serial DB9 - 16950 UART - Low Profile Expansion Card - Windows/Linux
More results

Similar Description - PEX4SFF8639

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASR-3100I-R11A1E ADVANTECH-ASR-3100I-R11A1E Datasheet
276Kb / 2P
1U Rackmount dual Xeon E5-2600 v3 NVMe Storage Server, supporting 16 x SFF-8639 2.5" NVMe SSD and 2 x PCIe Gen III x8 slot
SQF-CM8910C ADVANTECH-SQF-CM8910C Datasheet
712Kb / 1P
PCIe III x4 M.2 2280 SSD
logo
Tripp Lite. All Rights ...
PCE-1M2-PX4 TRIPPLITE-PCE-1M2-PX4 Datasheet
175Kb / 2P
M.2 NGFF PCIe SSD (M-Key) PCI Express (x4) Card
logo
Silicom Ltd.
M20SSD SILICOM-M20SSD Datasheet
676Kb / 2P
U.2 to 4 x M.2 NVMe SSD module
logo
Greenliant systems
G7200 GREENLIANT-G7200 Datasheet
161Kb / 5P
NVMe U.2 EnduroSLC Industrial Enterprise SSD
logo
Tripp Lite. All Rights ...
P970-U2M2 TRIPPLITE-P970-U2M2 Datasheet
54Kb / 2P
U.2 to M.2 Adapter for M.2 PCIe NVMe SSD, SFF- 8639
PCE-U2-PX4 TRIPPLITE-PCE-U2-PX4 Datasheet
44Kb / 2P
U.2 to PCIe Adapter for 2.5" NVMe U.2 SSD, SFF- 8639, PCI Express (x4) Card
logo
Advantech Co., Ltd.
SQF-C25920-D ADVANTECH-SQF-C25920-D Datasheet
363Kb / 1P
PCIe Gen.3 x4 U.2 2.5" SSD (SFF-8639)
1-Jun-2022
SQF-CU2-ER-1 ADVANTECH-SQF-CU2-ER-1 Datasheet
379Kb / 1P
PCIe Gen.4 x4 U.2 2.5" SSD
29-Jul-2022
logo
Silicon Motion Technolo...
SM2263EN SILICONMOTION-SM2263EN Datasheet
723Kb / 2P
High Performance PCIe Gen3 x4 NVMe 1.3 SSD Controllers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com