Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILA-1CH-LED-TESTER-USB Datasheet(PDF) 8 Page - Intelligent LED Solutions

Part # ILA-1CH-LED-TESTER-USB
Description  OSLON® Black 1 PowerStar IR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

ILA-1CH-LED-TESTER-USB Datasheet(HTML) 8 Page - Intelligent LED Solutions

  ILA-1CH-LED-TESTER-USB Datasheet HTML 1Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 2Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 3Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 4Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 5Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 6Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 7Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 8Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 9Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre, Berkshire Drive, Thatcham, Berkshire, RG19 4EW
Telephone: +44 (0)1635 294606 Email: info@i-led.co.uk Web: www.i-led.co.uk
A division of Intelligent Group Solutions Ltd
8
ILS Driver Part Number
Rating (Watts) Current (mA)
Forward Voltage
IZC045-040A-9266C-SA
40W
450mA
30-89V
IZC095-040M-9067C-SAL
40W
950mA
25-42V
IZCVAR-040M-9020C-SAL
40W
350mA
500mA
600mA
700mA
900mA
1050mA
2-100V
2-80V
2-67V
2-57V
2-45V
2-40V
IZC070-050A-9267C-SA
50W
700mA
24-72V
IZC050-060F-9067C-QA
60W
500mA
40-110V
IZC070-075A-9267C-SA
75W
700mA
54-108V
IZC140-120M-9065C-SAL
120W
1400mA
54-108V
Thermal Interface Material Options
ILS have produced a range of High-performance, cost effective Thermal Interface Materials to match perfectly their
standard products.
These products fill the air pockets between the two surfaces, forming a continuous layer to conduct heat away from the
LED to the Heatsink.
ILS offer TIM in three options – double sided adhesive, single sided adhesive and non adhesive.
Product
Non Adhesive
Single Sided Adhesive
Double Sided Adhesive
Star
ILA-TIM-STAR-0A
ILA-TIM-STAR-1A
ILA-TIM-STAR-2A.
25x25mm Cluster
ILA-TIM-CLUSTER-25x25-0A
ILA-TIM-CLUSTER-25x25-1A
ILA-TIM-CLUSTER-25x25-2A.
30x30mm Cluster
ILA-TIM-CLUSTER-30x30-0A
ILA-TIM-CLUSTER-30x30-1A
ILA-TIM-CLUSTER-30x30-2A.
300x20mm Strip
ILA-TIM-STRIP-300x20-0A
ILA-TIM-STRIP300x20-1A
ILA-TIM-STRIP-300x20-2A.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com