Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC211-WIR200 Datasheet(PDF) 4 Page - Intelligent LED Solutions

Part # SC211-WIR200
Description  3 OSLON®80 PowerAnna PCB White
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

SC211-WIR200 Datasheet(HTML) 4 Page - Intelligent LED Solutions

  SC211-WIR200 Datasheet HTML 1Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 2Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 3Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 4Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 5Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 6Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.i-led.co.uk
Intelligent LED Solutions, 3 Clerewater Place, Lower Way, Thatcham, Berkshire RG19 3RF UK
Telephone : +44 (0)1635 294606 Fax : +44 (0)1635 869200 Email: info@i-led.co.uk www.i-led.co.uk
A division of Intelligent Group Solutions Ltd
4
3 OSLON®80 PowerAnna PCB Lens and Reflector Options
LEDIL precision-engineered Lenses and Reflectors allow for rapid deployment of all types of light fixtures,
including street lights, wall-wash, high-bay, sconces, emergency beacons, parking garage/low-bay, MR
and AR down lights, and dock lights. Precision-engineered for maximum efficiency and durability, LEDIL
Lenses and Reflectors are released alongside the latest product releases from our LED suppliers. You select
the best LED for the application; choose LEDIL and you’re selecting the best optical solution as well.
Lenses
OSLON+ 80
OSLON+ 150
ILS Part Number
Beam Angle (FWHM)
Beam Angle (FWHM)
Mounting Type
ANNA-40-3
11,20,26
12,22,34
PIN & GLUE
ANNA-50-3
11,20,26
12,22,35
PIN & GLUE
3 OSLON®80 PowerAnna PCB Heat Sink Options
ILS has recently introduced a series of Aluminium Alloy Heat Sinks to be used with our standard
range of PowerStars and PowerClusters. These Heat Sinks are supplied with fixing screws
for the light engine and for fixing to a base plate. They also come with Thermal Interface
Material (TIM) attached to the top surface. Available in Black, Red, Silver and Blue colour
variants. More versions will be introduced over the coming months and we are also happy to
manufacture custom Heat Sinks to your request.
ILS Product
Oslon 3 LED Anna
350mA
700mA
1000mA
Operates under the
recommended ILS
junction temperature
Operates under the
recommended LED
maximum junction
temperature
Not suitable for use
N/A
Heat Sink not
designed for use with
this product



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com