Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2ACR-30C-USB-CABLE Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # R2ACR-30C-USB-CABLE
Description  1ft (30cm) USB A to C Charging Cable Right Angle - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 A to Type-C - Rugged Aramid Fiber - 3A - USB Charging Cord
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

R2ACR-30C-USB-CABLE Datasheet(HTML) 1 Page - StarTech.com Ltd.

  R2ACR-30C-USB-CABLE Datasheet HTML 1Page - StarTech.com Ltd. R2ACR-30C-USB-CABLE Datasheet HTML 2Page - StarTech.com Ltd. R2ACR-30C-USB-CABLE Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1ft (30cm) USB A to C Charging Cable Right Angle - Heavy Duty Fast Charge USB-C Cable - Black
USB 2.0 A to Type-C - Rugged Aramid Fiber - 3A - USB Charging Cord
Product ID: R2ACR-30C-USB-CABLE
This rugged 1ft (30cm) USB-A to right angle USB-C cable can be used to connect and/or charge a USB peripheral.
Conveniently connect USB-C enabled devices at a right angle to the cable for organized cable routing solutions.
The durable USB charging cable features aramid fiber reinforcement that protects the cable from the stress of
frequent bends. This allows the cable to flex without over-stretching or damaging the core components of the cable.
The USB cable has been designed to prevent cable/connector strain. The extra-long strain relief moldings have been
tested to withstand over 5,000+ bend cycles at a 180 angle.
The durable cable supports all USB specifications up to USB 2.0, providing a dependable connection for all USB-A or
USB-C peripheral devices. It supports up to 3A for charging USB-C or USB-A-enabled devices.
This product is backed for life, including free lifetime 24/5 multi-lingual technical assistance.
Certifications, Reports and Compatibility
Applications
Features
• RIGHT ANGLE USB-C CABLE: 1ft (30cm) USB A to C charging cable features a right angle USB-C connector -


Similar Part No. - R2ACR-30C-USB-CABLE

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
R2ACR-15C-USB-CABLE STARTECH-R2ACR-15C-USB-CABLE Datasheet
70Kb / 3P
6in (15cm) USB A to C Charging Cable Right Angle - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 A to Type-C - Rugged Aramid Fiber - 3A - Short USB Charging Cord
R2ACR-1M-USB-CABLE STARTECH-R2ACR-1M-USB-CABLE Datasheet
70Kb / 3P
3ft (1m) USB A to C Charging Cable Right Angle - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 A to Type-C - Rugged Aramid Fiber - 3A - USB Charging Cord
R2ACR-2M-USB-CABLE STARTECH-R2ACR-2M-USB-CABLE Datasheet
70Kb / 3P
6ft (2m) USB A to C Charging Cable Right Angle - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 A to Type-C - Rugged Aramid Fiber - 3A - USB Charging Cord
More results

Similar Description - R2ACR-30C-USB-CABLE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U038-003 TRIPPLITE-U038-003 Datasheet
495Kb / 2P
USB 2.0 Hi-Speed Cable, USB Type-A Male to USB Type-C (USB-C) Male, 3-ft.
logo
List of Unclassifed Man...
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
USB C to USB 2.0 A Plug Cable
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
U038-003-GY-MAX TRIPPLITE-U038-003-GY-MAX Datasheet
178Kb / 3P
Heavy-Duty USB-A to USB-C Cable - M/M, USB 2.0, UHMWPE and Aramid Fibers, Gray, 3 ft. (0.9m)
U038-006-GY-MAX TRIPPLITE-U038-006-GY-MAX Datasheet
178Kb / 3P
Heavy-Duty USB-A to USB-C Cable - M/M, USB 2.0, UHMWPE and Aramid Fibers, Gray, 6 ft. (1.8m)
U038-010-GY-MAX TRIPPLITE-U038-010-GY-MAX Datasheet
178Kb / 3P
Heavy-Duty USB-A to USB-C Cable - M/M, USB 2.0, UHMWPE and Aramid Fibers, Gray, 10 ft. (3m)
U280-C02-30W-K TRIPPLITE-U280-C02-30W-K Datasheet
163Kb / 3P
Dual-Port USB Car Charger - 30W PD Charging, USB-C (18W) & USB-A (12W), USB-C to Lightning Cable, White
logo
List of Unclassifed Man...
USBA2C1MOUSBC ETC-USBA2C1MOUSBC Datasheet
165Kb / 1P
DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com