Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPR Datasheet(PDF) 1 Page - Schurter Inc.

Part # FPR
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FPR Datasheet(HTML) 1 Page - Schurter Inc.

  FPR Datasheet HTML 1Page - Schurter Inc. FPR Datasheet HTML 2Page - Schurter Inc. FPR Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Fuseholder
FPR
https://www.schurter.com /PG02
Circuit Protection
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical
See below:
Approvals and Compliances
250 VAC · 3.2W/10A (VDE) · 250V · 16A (UL/CSA)
Description
- For PCB mounting (THT)
- Compact design
- Vertical style
Unique Selling Proposition
- Excellent power to size ratio
Applications
- Industrial appliances
- Household appliances
- Medical Equipment
References
Fuseholder to FSF 5x20; FTT 5x20; SPT 5x20
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product, Microsite
Technical Data
Shock-Safe Category
PC2
Fuse-Link
5 x 20 mm
Mounting
PCB
Terminal
Solder THT
Rated Voltage
250 VAC (VDE), 250 V (UL/CSA)
Rated current
10 A (VDE), 16 A (UL/CSA)
Rated Power Acceptance IEC 3.2 W / 10 A @ Ta 23 °C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Degree of Protection
IP40
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Admissible Ambient Temp.
-40 °C to 85 °C
Climatic Category
40/85/21 acc. to IEC 60068-1
Material: Socket
Thermoplastic, black, UL 94V-0
Material: Terminals
Copper alloy, tin-plated
Unit Weight
7 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Certification marks
Soldering Methods
Wave
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 1A
Contact Resistance
≤ 10mΩ at 100 mA acc. to IEC
60127-6
Dielectric Strength
> 3 kV between live parts
Impulse Withstand Voltage
> 4 kV between live parts
Insulation Resistance
≥ 20MΩ between live parts
(500 VDC: 1 min)
Overvoltage Category
III acc. to IEC 60664-1
Pollution Degree
3 acc. to IEC 60664-1
Resistance to Vibration
acc. to IEC 60068-2-6, test Fc
Admissible Torque on Fixing
Nut
Fuse carrier: 0.4 Nm
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.


Similar Part No. - FPR

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
FPR-51 FOTEK-FPR-51 Datasheet
1,019Kb / 4P
OPTICAL FIBER SENSOR
FPR-51 FOTEK-FPR-51 Datasheet
1Mb / 4P
Reflex type fiber unit
FPR-52 FOTEK-FPR-52 Datasheet
1,019Kb / 4P
OPTICAL FIBER SENSOR
FPR-52 FOTEK-FPR-52 Datasheet
1Mb / 4P
Reflex type fiber unit
FPR-53 FOTEK-FPR-53 Datasheet
1,019Kb / 4P
OPTICAL FIBER SENSOR
More results

Similar Description - FPR

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.1681 SCHURTER-0031.1681 Datasheet
227Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, Medical
FAB SCHURTER-FAB_18 Datasheet
250Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, horizontal
FAC SCHURTER-FAC_18 Datasheet
272Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
FAF SCHURTER-FAF_18 Datasheet
270Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical, IP 40 / IP 54
FAU SCHURTER-FAU_18 Datasheet
276Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, horizontal
FBS1 SCHURTER-FBS1_18 Datasheet
305Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, PC3, medical
FPG4 SCHURTER-FPG4_V01 Datasheet
271Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, vertical, IEC 60335-1
FEU-MED SCHURTER-FEU-MED Datasheet
272Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, Medical
FAB SCHURTER-FAB_V01 Datasheet
261Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, horizontal
04.01.2022
FAC SCHURTER-FAC_V01 Datasheet
284Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com