Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9511 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9511
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9511 Datasheet HTML 2Page - Analog Devices AD9511 Datasheet HTML 3Page - Analog Devices AD9511 Datasheet HTML 4Page - Analog Devices AD9511 Datasheet HTML 5Page - Analog Devices AD9511 Datasheet HTML 6Page - Analog Devices AD9511 Datasheet HTML 7Page - Analog Devices AD9511 Datasheet HTML 8Page - Analog Devices AD9511 Datasheet HTML 9Page - Analog Devices AD9511 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
AD9511
Rev. B | Page 6 of 60
CLOCK OUTPUTS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL CLOCK OUTPUTS
Termination = 50 Ω to VS − 2 V
OUT0, OUT1, OUT2; Differential
Output level 3Dh (3Eh) (3Fh)<3:2> = 10b
Output Frequency
1200
MHz
See Figure 21
Output High Voltage (VOH)
VS − 1.22
VS − 0.98
VS − 0.93
V
Output Low Voltage (VOL)
VS − 2.10
VS − 1.80
VS − 1.67
V
Output Differential Voltage (VOD)
660
810
965
mV
LVDS CLOCK OUTPUTS
Termination = 100 Ω differential; default
OUT3, OUT4; Differential
Output level 40h (41h)<2:1> = 01b
3.5 mA termination current
Output Frequency
800
MHz
See Figure 22
Differential Output Voltage (VOD)
250
360
450
mV
Delta VOD
25
mV
Output Offset Voltage (VOS)
1.125
1.23
1.375
V
Delta VOS
25
mV
Short-Circuit Current (ISA, ISB)
14
24
mA
Output shorted to GND
CMOS CLOCK OUTPUTS
OUT3, OUT4
Single-ended measurements;
B outputs: inverted, termination open
Output Frequency
250
MHz
With 5 pF load each output; see Figure 23
Output Voltage High (VOH)
VS-0.1
V
@ 1 mA load
Output Voltage Low (VOL)
0.1
V
@ 1 mA load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com