Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4073240 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 4073240
Description  Standard Quick Wire Thermocouple Connector Plug & Socket AS-K-MQFQ Type K ANSI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4073240 Datasheet(HTML) 1 Page - Labfacility Ltd

  4073240 Datasheet HTML 1Page - Labfacility Ltd 4073240 Datasheet HTML 2Page - Labfacility Ltd 4073240 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Standard Quick Wire Thermocouple Connector
Plug & Socket
AS-K-MQ+FQ Type K ANSI
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.


Similar Part No. - 4073240

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
4073242 LABFACILITY-4073242 Datasheet
783Kb / 3P
Standard Quick Wire Thermocouple Connector Plug & Socket AS-T-MQFQ Type T ANSI
Dec-23
4073243 LABFACILITY-4073243 Datasheet
819Kb / 3P
Miniature Quick Wire Connector Thermocouple Plug & Socket AM-T-MQFQ Type T ANSI
Dec-23
More results

Similar Description - 4073240

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1075-1 WINCHESTER-SD1075-1 Datasheet
50Kb / 1P
PLUG, K-LOC
SD1075-13-9 WINCHESTER-SD1075-13-9 Datasheet
76Kb / 1P
PLUG, K -LOC
1075-1 WINCHESTER-1075-1 Datasheet
232Kb / 1P
PLUG, K -LOC
1075-2 WINCHESTER-1075-2 Datasheet
53Kb / 1P
PLUG, K-LOC
1075-13-9 WINCHESTER-1075-13-9 Datasheet
76Kb / 1P
PLUG, K -LOC
logo
Cree, Inc
MK-R CREE-MK-R Datasheet
1Mb / 33P
Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
Rev 8A
logo
WAGO Kontakttechnik Gmb...
750-469-003-000 WAGO-750-469-003-000 Datasheet
462Kb / 12P
2-channel analog input; Thermocouple K; Diagnostics, adjustable
753-469 WAGO-753-469 Datasheet
585Kb / 11P
2-channel analog input; Thermocouple K; Diagnostics
753-469-003-000 WAGO-753-469-003-000 Datasheet
472Kb / 12P
2-channel analog input; Thermocouple K; Diagnostics, adjustable
logo
Maxim Integrated Produc...
MAX31855EVKIT MAXIM-MAX31855EVKIT Datasheet
918Kb / 12P
Includes Everything Needed to Evaluate a K-Type Thermocouple
19-6072; Rev 0; 10/11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com