Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8321 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM8321
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8321 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM8321 Datasheet HTML 7Page - Analog Devices ADM8321 Datasheet HTML 8Page - Analog Devices ADM8321 Datasheet HTML 9Page - Analog Devices ADM8321 Datasheet HTML 10Page - Analog Devices ADM8321 Datasheet HTML 11Page - Analog Devices ADM8321 Datasheet HTML 12Page - Analog Devices ADM8321 Datasheet HTML 13Page - Analog Devices ADM8321 Datasheet HTML 14Page - Analog Devices ADM8321 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ADM8316/ADM8318/ADM8319/ADM8320/ADM8321/ADM8322
Data Sheet
Rev. C | Page 12 of 15
DEVICE MODEL OPTIONS
The ADM8316/ADM8318/ADM8319 and ADM8320/ADM8321/ADM8322 include many device options; however, not all options are
released for sale. Released options are called standard models and are listed in the Ordering Guide. For the most up to date list of standard
models, refer to the Analog Devices website at www.analog.com/supervisory. Contact an Analog Devices sales representative for information
on nonstandard models, and be aware that samples and production units have long lead times.
Table 6. Selection Table
Device No.
Watchdog
Manual Reset
Output Stage
RESET
RESET
ADM8316
Yes
Yes
Push-pull
No
ADM8318
Yes
No
Push-pull
Push-pull
ADM8319
No
Yes
Push-pull
Push-pull
ADM8320
Yes
Yes
Open-drain
No
ADM8321
Yes
No
Open-drain
Push-pull
ADM8322
No
Yes
Open-drain
Push-pull
Table 7. Reset Timeout Options
Suffix
Minimum
Typical
Maximum
Unit
A
1
1.4
1.8
ms
B
20
28
36
ms
C
140
200
260
ms
D
1120
1600
2080
ms
Table 8. Watchdog Timeout Options
Suffix
Minimum
Typical
Maximum
Unit
W
4.5
6.3
8.1
ms
X
72
102
132
ms
Y
1.12
1.6
2.24
sec
Z
18.0
25.6
33.2
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com