Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC-201-D Datasheet(PDF) 3 Page - Labfacility Ltd

Part # FC-201-D
Description  Stainless Steel Compression Fittings
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

FC-201-D Datasheet(HTML) 3 Page - Labfacility Ltd

  FC-201-D Datasheet HTML 1Page - Labfacility Ltd FC-201-D Datasheet HTML 2Page - Labfacility Ltd FC-201-D Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
215.2
Type
Thread Size
Thread Type Suits Probe Ø
Manufacturers
Order Code
Code
St/Steel
1/8"
NPT
1.0mm
FC-150-D
XF-1362-FAR
St/Steel
1/8"
NPT
1.5mm
FC-151-D
XF-1361-FAR
St/Steel
1/8"
NPT
2.0mm
FC-148-D
XF-1482-FAR
St/Steel
1/8"
NPT
3.0mm
FC-152-D
XF-1342-FAR
St/Steel
1/8"
NPT
4.0mm
FC-149-D
XF-1379-FAR
St/Steel
1/8"
NPT
4.5mm
FC-154-D
XF-1373-FAR
St/Steel
1/8"
NPT
6.0mm
FC-156-D
XF-1354-FAR
St/Steel
1/8"
NPT
1/8"
FC-153-D
XF-1363-FAR
St/Steel
1/8"
NPT
3/16"
FC-155-D
XF-1372-FAR
St/Steel
1/8"
NPT
1/4"
FC-157-D
XF-1337-FAR
St/Steel
1/4"
NPT
1.5mm
FC-179-D
XF-1371-FAR
St/Steel
1/4"
NPT
4.0mm
FC-186-D
XF-1359-FAR
St/Steel
1/4"
NPT
4.5mm
FC-182-D
XF-1357-FAR
St/Steel
1/4"
NPT
6.0mm
FC-184-D
XF-1358-FAR
St/Steel
1/4"
NPT
8.0mm
FC-185-D
XF-1370-FAR
St/Steel
1/4"
NPT
1/8"
FC-181-D
XF-1356-FAR
St/Steel
1/4"
NPT
3/16"
FC-183-D
XF-1355-FAR
St/Steel
1/4"
NPT
1/4"
FC-187-D
XF-1360-FAR
St/Steel
1/2"
NPT
3.0mm
FC-240-D
XF-1366-FAR
St/Steel
1/2"
NPT
4.5mm
FC-241-D
XF-1367-FAR
St/Steel
1/2"
NPT
6.0mm
FC-242-D
XF-1368-FAR
St/Steel
1/2"
NPT
8.0mm
FC-243-D
XF-1364-FAR
St/Steel
1/2"
NPT
1/8"
FC-245-D
XF-1336-FAR
St/Steel
1/2"
NPT
3/16"
FC-246-D
XF-1365-FAR
St/Steel
1/2"
NPT
1/4"
FC-247-D
XF-1369-FAR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com