Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVB4-2 Datasheet(PDF) 1 Page - Marathon Special Products

Part # MVB4-2
Description  6 mm - 600 Volts AC/DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

MVB4-2 Datasheet(HTML) 1 Page - Marathon Special Products

  MVB4-2 Datasheet HTML 1Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
121
DIN Rail Terminal Blocks
Datasheets available at marathonsp.com
MIK5
6 mm - 600 Volts AC/DC
Specifications:
•
Insulating Material, Nylon 6/6, Gray
•
Wire Range #10-#22 AWG – 30 Amps
•
UL Recognized File No. XCFR2.E62806
•
CSA Certified File No. LR700930- 25 Amps
•
VDE – 24 Amps
•
•
RoHS Compliant
MIK5
Catalog #
Description
MIK5
Center Section
MN35-2
DIN Rail symmetrical 35 X 7.5 mm slotted 2 m long, steel zinc-plated
MVB4-2
Jumper 2-position
MVB4-12
Jumper 12-position
MVL4-2
Connecting straps for linking together two adjacent 12-pole jumpers
MSTB2
Plug Sockets - test plugs of 2.3 mm
∅
MPST2
Test Plugs - 2.3 mm
∅
MIW4
Insulating end sections for covering and insulating the last terminal
MIW16
Insulating partition walls for visual/electrical separation of terminal groups
MKAW2
Safety cover with warning label for line terminals which cannot be disconnected
MSK35
End bracket used on both ends of the assembly to hold blocks in place
Wire strip length .30”
Dimensions:
H
= 38 mm (1.496”)
W = 42 mm (1.653”)
T
= 6 mm (.236”)
W
H
T
For electronic drawings or 2D/3D CAD data,
send request to drawings@marathonsp.com


Similar Part No. - MVB4-2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MVB50P03HDLT4G ONSEMI-MVB50P03HDLT4G Datasheet
143Kb / 9P
P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
MMD Components
MVBH MMD-MVBH Datasheet
84Kb / 1P
8 Pin DIP HCMOS VCXO
MVBH MMD-MVBH Datasheet
84Kb / 1P
MVBH Series ??8 Pin DIP HCMOS VCXO
MVBH201027A MMD-MVBH201027A Datasheet
84Kb / 1P
8 Pin DIP HCMOS VCXO
MVBH201027AA MMD-MVBH201027AA Datasheet
84Kb / 1P
8 Pin DIP HCMOS VCXO
More results

Similar Description - MVB4-2

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
1MS102 MARATHON-1MS102 Datasheet
169Kb / 3P
600 Volts AC/DC
REV-D 3/3/2020
1MS103 MARATHON-1MS103 Datasheet
178Kb / 3P
600 Volts AC/DC
REV-D 3/3/2020
1MS104 MARATHON-1MS104 Datasheet
183Kb / 3P
600 Volts AC/DC
REV-D 3/3/2020
6F200AXBE MARATHON-6F200AXBE Datasheet
230Kb / 2P
600 Volts AC/DC
REV-E 03/13/2020
6M30AXB MARATHON-6M30AXB Datasheet
239Kb / 3P
600 Volts AC/DC
REV-D 02/19/2019
6M30AXSPQ MARATHON-6M30AXSPQ Datasheet
272Kb / 3P
600 Volts AC/DC
REV-D 02/19/2019
6M30AXSQ MARATHON-6M30AXSQ Datasheet
227Kb / 3P
600 Volts AC/DC
REV-D 01/20/2019
6SM30AXIC MARATHON-6SM30AXIC Datasheet
237Kb / 2P
600 Volts (AC/DC)
10/05/23
R6F60AXB MARATHON-R6F60AXB Datasheet
193Kb / 3P
600 Volts AC/DC
REV-D 05/08/2019
R6J30AXB MARATHON-R6J30AXB Datasheet
393Kb / 3P
600 Volts AC/DC
REV-D 03/05/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com