Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR-M1608C270KT2AB Datasheet(PDF) 3 Page - TDK Electronics

Part # AVR-M1608C270KT2AB
Description  Chip varistors Voltage Protection Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M1608C270KT2AB Datasheet(HTML) 3 Page - TDK Electronics

  AVR-M1608C270KT2AB Datasheet HTML 1Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 2Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 3Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 4Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 5Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 6Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 7Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 8Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
(3/14)
20231012 / vpd_automotive_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
Automotive grade
COMMUNICATION STANDARD, CIRCUIT EXAMPLE AND COMMUNICATION STANDARD
Overview of the AVR series
Type
Dimensions
code
JIS
[EIA]
LIN/CXPI
Classical CAN
CAN/CAN-FD
20 kbps
1 Mbps
2-8 Mbps
Chip
varistors
1005 [0402]
N/A
AVRH10C270KT150NA8
AVRH10C270KT150NA8
1608 [0603]
AVRM1608C270KT221M
AVR-M1608C270MTAAB
AVR-M1608C270MTABB
2012 [0805]
N/A
N/A
N/A
Type
Dimensions
code
JIS
[EIA]
FlexRay
MOST50
USB2.0
10 Mbps
50 Mbps
480 Mbps
Chip
varistors
1005 [0402]
AVRH10C270KT150NA8
AVRH10C270KT150NA8
AVRL101D3R3FTA
1608 [0603]
AVR-M1608C270MTABB
AVR-M1608C270MTAAB
AVRL161D3R3FTA
2012 [0805]
N/A
N/A
N/A
Type
Dimensions
code
JIS
[EIA]
One-Pair
Ethernet
100BASE-T1
One-Pair
Ethernet
1000BASE-T1
Motors
100Mbps
1000Mbps
-
Chip
varistors
1005 [0402]
AVRH10C101KT4R7FA8
AVRH10C101KT1R1NE8
AVRH10C221KT1R5YA8
N/A
1608 [0603]
N/A
N/A
AVR-M1608C270KT6AB
2012 [0805]
N/A
N/A
AVR-M2012C390KT6AB
Product compatible with RoHS directive
Compatible with lead-free solders
AEC-Q200
LIN/CXPI
Transceiver
Coil, Bead
Connector
Varistor
CAN
Transceiver
CMF
Connector
Varistor
CAN
Transceiver
CMF
Connector
Varistor
CAN
Transceiver
CMF
Connector
Varistor
CMF
ERXP
ERXN
ETXP
ETXN
Varistor
Varistor
Varistor
Varistor
D+
D-
HOST
CMF
Varistor
100BASE-T1
PHY
Connector
CMF
Varistor
1000BASE-T1
PHY
Connector
CMF
Varistor
M
• Varistor (ESD)
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com