Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD4010 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD4010
Description  RF & MICROWAVE TRANSISTORS UHF TV LINEAR APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4010 Datasheet(HTML) 3 Page - STMicroelectronics

  SD4010 Datasheet HTML 1Page - STMicroelectronics SD4010 Datasheet HTML 2Page - STMicroelectronics SD4010 Datasheet HTML 3Page - STMicroelectronics SD4010 Datasheet HTML 4Page - STMicroelectronics SD4010 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TEST CIRCUIT SCHEMATIC
Balun 1, 2 : 50
Coaxial Cable, λ/4 @ 860 MHz
C1, C4,
C11, C16 : 100
µF, 50V Electrolytic
C2, C5,
C12, C15 : 10
µF, 35V Tantalum
C3, C6, C7 C8,
C19, C20 : 75 pF Ceramic Chip, ATC B
C9, C18
: 0.4 - 2.5 pF Variable, JOHANSON Giga-trim
C10
: 2pF Ceramic Chip, ATC B
C17
: 5pF Ceramic Chip, ATC B
L1, L2 : 7 Turns, 0.12” I.D., #22 AWG (1:1)
L3, L4 : 5 Turns, 0.12” I.D., #22 AWG (1:1)
See Photomaster for Microstrip Lines
Board
Material:
ROGERS Ultra-Lam Er
= 2.55, Height = 0.030”,
2 oz. Cu.
TYPICAL PERFORMANCE (cont’d)
INTERMODULATION DISTORTION vs POWER OUTPUT
SD4010
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com