Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD4011 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD4011
Description  RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4011 Datasheet(HTML) 4 Page - STMicroelectronics

  SD4011 Datasheet HTML 1Page - STMicroelectronics SD4011 Datasheet HTML 2Page - STMicroelectronics SD4011 Datasheet HTML 3Page - STMicroelectronics SD4011 Datasheet HTML 4Page - STMicroelectronics SD4011 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
C22
: 10pF ATC 100A
C23
: 15pF ATC 100B
D1
: 1N 4001 or 1N 914
L1
: 6 Turns - Wire Dia. 5/10 on 2.5mm Internal Dia.
L2
: 10 to 12 Turns on R6 - Wire Dia. 5/10
R1
: 2.2
- 3W - Sfernice
R2
: 100
- 1/2W
R3
: 510
- 1/2W
R4,R6 : 100
- 1/2W
R5,R7 : 56
-1W
R8
: 3.3k
Adjustable
T1
: BDX 54 B
C1
: 22
µF - 63V - Sprague
C2, C6,
C8, C15
: 4.7nF Chip LCC
C3, C7 ,C9
C11, C16
: 100nF Chip LCC
C4, C10
: 4.7
µF - 40V - Sprague
C5, C14
: 4.7
µF - 63V - Sprague
C12, C17,
C18
: 470pF Chip LCC
C13, C25
: 47pF ATC 100B
C19
: 47pF ATC 100A
C20
: 0.5 - 4.5pF Adjustable Airtronic
C21, C24
: 0.8 - 5pF Adjustable Johanson
Z1
: 50
transmission line - length 18mm
Z2
: 50
transmission line - length 22mm
Z3
: 16,4
transmission line - length 12mm
Z’3
: 10,5
transmission line - length 3.5mm
Z4
: 20
transmission line - length 13mm
Z5
: 50
transmission line - length 2.5mm
Z6
: 20
transmission line - length 23mm
Z7
: 4
transmission line - length 8% λ g at 860MHz
Z8
: 55
transmission line - length 7.5% λ g at 860MHz
Z9
: 7.5
transmission line - length 8% λ g at 860MHz
Z10
: 100
transmission line - length 8% λ g at 860MHz
Z11
: 20
transmission line - length 8% λ g at 860MHz
Z12
: 50
transmission line - length 5mm
Z13
: 50
transmission line - length 12mm
TEST CIRCUIT
SD4011
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com