Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7254M Datasheet(PDF) 3 Page - EPCOS

Part # K7254M
Description  SAW Components
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

K7254M Datasheet(HTML) 3 Page - EPCOS

  K7254M Datasheet HTML 1Page - EPCOS K7254M Datasheet HTML 2Page - EPCOS K7254M Datasheet HTML 3Page - EPCOS K7254M Datasheet HTML 4Page - EPCOS K7254M Datasheet HTML 5Page - EPCOS K7254M Datasheet HTML 6Page - EPCOS K7254M Datasheet HTML 7Page - EPCOS K7254M Datasheet HTML 8Page - EPCOS K7254M Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Jan 27, 2003
SAW Components
K 7254 M
38,00 MHz
IF Filter for Intercarrier / Multistandard Applications
Data Sheet
Characteristics in B/G, D/K mode (switching input pin 2 connected to ground)
Reference temperature:
TA =
25 ˚C
Terminating source impedpulseance:
ZS =50 Ω
Terminating load impedance:
ZL =2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
36,50 MHz
14,3
15,8
17,3
dB
following data
Relative attenuation
α
rel
Picture carrier
38,00 MHz
5,2
6,2
7,2
dB
Color carrier
33,57 MHz
0,2
1,2
2,2
dB
Sound carrier
31,50 MHz
46,0
63,0
—
dB
32,50 MHz
36,0
48,0
—
dB
Adjacent picture carrier
30,00 MHz
44,0
55,0
—
dB
31,00 MHz
42,0
55,0
—
dB
Adjacent sound carrier
39,50 MHz
40,0
51,0
—
dB
40,50 MHz
40,0
53,0
—
dB
Lower sidelobe
25,00 ..... 29,20 MHz
42,0
51,0
—
dB
Upper sidelobe
39,50 ..... 45,00 MHz
34,0
39,0
—
dB
Reflected wave signal suppression
1,3
µs ... 6,0 µs after main pulse
42,0
50,0
—
dB
(test pulse 250 ns,
carrier frequency 36,50 MHz)
Feedthrough signal suppression
1,2
µs ... 1,1 µs before main pulse
50,0
56,0
—
dB
(test pulse 250 ns,
carrier frequency 36,50 MHz)
Group delay predistortion
∆τ
(reference frequency 38,00 MHz)
33,57 MHz
—
–60
—
ns
Impedance at 36,50 MHz
Input:
ZIN
=
RIN
||
CIN
—
1,1 ||18,4
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
1,5 || 4,5
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
-72
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com