Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD4017 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SD4017
Description  RF & MICROWAVE TRANSISTORS 806-960 MHz CELLULAR BASE STATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4017 Datasheet(HTML) 6 Page - STMicroelectronics

  SD4017 Datasheet HTML 1Page - STMicroelectronics SD4017 Datasheet HTML 2Page - STMicroelectronics SD4017 Datasheet HTML 3Page - STMicroelectronics SD4017 Datasheet HTML 4Page - STMicroelectronics SD4017 Datasheet HTML 5Page - STMicroelectronics SD4017 Datasheet HTML 6Page - STMicroelectronics SD4017 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BOARD LAYOUT
C1, C19 : 33pF ATC 100B Chip Capacitor
C2, C15 : 3.6pF ATC 100B Chip Capacitor
C3
: 4.5pF ATC 100B Chip Capacitor
C4, C16
C17
: 5.0pF ATC 100B Chip Capacitor
C5
: 2.9pF ATC 100B Chip Capacitor
C6, C7
: 1.8pF ATC 100B Chip Capacitor
C8,C9,
C14
: 6.2pF ATC 100B Chip Capacitor
C10,C22 : 300pF ATC 100B Chip Capacitor
C11,C12
C13
: 5.6pF ATC 100B Chip Capacitor
C18
: .5 - 6.0pF Gigatrim Adjustable Capacitor
C20
: 10pF ATC 100B Chip Capacitor
C21
: 10
µF (50V) Electrolytic Capacitor
L9
: 4 Turns (tight) I.D. 120mil ENAM Cu 20 AWG
L10
: 4 Turns (tight) I.D. 158mil ENAM Cu 18 AWG
L11
: 1.5 Turns VK-200 Ferrite H.F. Choke
TL1,TL8 : 964 x 85.69 mils (50
/36.84°)
TL2,TL3 : 352 x 85.69 mils (50
/13.46°)
TL4
: 222 x 109.03 mils (42.6
/8.56°)
TL5
: 149 x 109.03 mils (42.6
/5.74°)
TL6
: 334 x 85.69 mils (50
/12.75°)
TL7
: 500 x 85.69 mils (50
/19.13°)
Board MAterial: 1oz Copper 2 sides, Thickness
= 31.25mil
Er
= 2.55
TEST CIRCUIT
SD4017
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com