Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP200N4F3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP200N4F3
Description  N-channel 40V - 0.0035Ω - 120A - D2PAK - TO-220 planar STripFET™Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP200N4F3 Datasheet(HTML) 5 Page - STMicroelectronics

  STP200N4F3 Datasheet HTML 1Page - STMicroelectronics STP200N4F3 Datasheet HTML 2Page - STMicroelectronics STP200N4F3 Datasheet HTML 3Page - STMicroelectronics STP200N4F3 Datasheet HTML 4Page - STMicroelectronics STP200N4F3 Datasheet HTML 5Page - STMicroelectronics STP200N4F3 Datasheet HTML 6Page - STMicroelectronics STP200N4F3 Datasheet HTML 7Page - STMicroelectronics STP200N4F3 Datasheet HTML 8Page - STMicroelectronics STP200N4F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STB200N4F3 - STP200N4F3
Electrical characteristics
5/14
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD=20 V, ID=60A,
RG=4.7Ω, VGS=10V
(see Figure 13)
19
180
ns
ns
td(off)
tf
Off-voltage rise time
Fall time
VDD=20 V, ID=60A,
RG=4.7Ω, VGS=10V
(see Figure 13)
90
65
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ISD
ISDM
Source-drain current
Source-drain current (pulsed)
120
480
A
A
VSD
Forward on voltage
ISD=120A, VGS=0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=120A, di/dt = 100A/µs,
VDD=20 V, Tj=150°C
(see Figure 18)
67
130
4
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com