Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1415F.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1415F..
Description  ASA 61 GREY POWDER PAINTED 0.048" 18 GAUGE STEEL BODY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1415F.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1415F.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - VIEW FROM SIDE
SECTION AA-AA
ASSEMBLY - VIEW FROM TOP
EXTRA SCREWS - 1421J6 (6-32 x 1/4 SHEET METAL SCREWS)
- ASA 61 GREY POWDER PAINTED 0.048" 18 GAUGE STEEL BODY
- TWELVE 6-32 NICKEL PLATED SCREWS
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
AA
AA
1415F
Contact Factory
mjm@hammondmfg.com for quotes
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Solid models of this enclosure available in STEP or IGES.
180.24 mm
[7.096 in]
175.36 mm
[6.904 in]
1.22 mm
[0.048 in]
200.76 mm
[7.904 in]
241.30 mm
[9.500 in]
127.01 mm
[5.000 in]
203.20 mm
[8.000 in]
254.00 mm
[10.000 in]


Similar Part No. - 1415F..

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
1415 ABBATRON-1415 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
List of Unclassifed Man...
1415-1 ETC2-1415-1 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Keystone Electronics Co...
1415-1 KEYSTONE-1415-1 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
logo
List of Unclassifed Man...
1415-2 ETC2-1415-2 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Keystone Electronics Co...
1415-2 KEYSTONE-1415-2 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
More results

Similar Description - 1415F..

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1411DU HAMMOND-1411DU Datasheet
137Kb / 1P
12GVUGE NATURAL ALUMINUM BODY 1411DU ASA61 GREY POWDER PAINTED ALUMINUM BODY
1415A HAMMOND-1415A Datasheet
206Kb / 1P
ASA GREY POWDER PAINTED 0.036 20 GAUGE STEEL BODY
1401C HAMMOND-1401C Datasheet
224Kb / 1P
20 GAUGE STEEL BODY PAINTED (RAL 7032)
1402B HAMMOND-1402B Datasheet
387Kb / 1P
- 12 GAUGE ALUMINUM BODY PAINTED (RAL 7032)
1589H4D1 HAMMOND-1589H4D1 Datasheet
131Kb / 1P
Black Painted Steel
HMEPRS800 HAMMOND-HMEPRS800 Datasheet
70Kb / 1P
PAINTED TEXTURED GREY
HMEPRS1000 HAMMOND-HMEPRS1000 Datasheet
70Kb / 1P
PAINTED TEXTURED GREY
HMEPRS1200 HAMMOND-HMEPRS1200 Datasheet
70Kb / 1P
PAINTED TEXTURED GREY
HMEPRS1600 HAMMOND-HMEPRS1600 Datasheet
70Kb / 1P
PAINTED TEXTURED GREY
HMEPRS1800 HAMMOND-HMEPRS1800 Datasheet
70Kb / 1P
PAINTED TEXTURED GREY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com