Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H/MAGNET-K-1M-SP Datasheet(PDF) 2 Page - Labfacility Ltd

Part # H/MAGNET-K-1M-SP
Description  4.5kg Pull Power (Horseshoe) Magnet Thermocouple, PFA Insulated Cable with Stainless Steel Over-Braid Terminating in Miniature or Standard Plug - IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

H/MAGNET-K-1M-SP Datasheet(HTML) 2 Page - Labfacility Ltd

  H/MAGNET-K-1M-SP Datasheet HTML 1Page - Labfacility Ltd H/MAGNET-K-1M-SP Datasheet HTML 2Page - Labfacility Ltd H/MAGNET-K-1M-SP Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-47
Nov-23
Specifications
General Description
4.5kg Pull Power (Horseshoe) Magnet Thermocouple
Sensor Type
Magnet Thermocouple
Thermocouple Type
Type K
Magnet
30 x 20 x 20mm (L x H x W). Max Pull: 4.5kg
Cable Length
1.0M or 2.0M
Cable Type
Glassfibre insulated lead with stainless steel overbraid
Core / Strands
7/0.2mm
Termination Type
Miniature or Standard Plug
Max. Temperature
250°C
Min. Temperature
-50°C
Standards Met
IEC
Ordering Information
Type
Cable
Length
Termination
Farnell Order
Code
K
1m
Miniature Plug
H/MAGNET-K-1M-MP (4.5kg Pull)
4156045
K
2m
Miniature Plug
H/MAGNET-K-2M-MP (4.5kg Pull)
4156046
K
1m
Standard Plug
H/MAGNET-K-1M-SP (4.5kg Pull)
4156047
K
2m
Standard Plug
H/MAGNET-K-2M-SP (4.5kg Pull)
4156048



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com