Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1427B Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1427B
Description  Chassis Handles 1427 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1427B Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1427B Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1427B Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data subject to change without notice.
Chassis Handles 1427 Series
Features
Material is round steel.
Available in Chrome Plated or Black Powder Coated.
Sold individually or in pairs (see table).
Hardware included.
Chrome
Black
Black
Handle
Handle Handle
Screw
Panel
Part No.
Part No.
Part No.
Mounting
(Sold
Individually)
(Sold
Individually)
(Sold in
Pairs)
Hole
Centers
Depth Diameter Thread Height
1427B
1427B1BK
1.25
0.62
0.19
4-40
1.75
1427B2
1427B2BK-1
1427B2BK
1.25
1.00
0.19
6-32
1.75
1427D
1.75
0.75
0.19
4-40
5.25
1427E
1427E1BK-1
1427E1BK
2.00
1.00
0.19
6-32
5.25
1427Q
2.25
1.00
0.25
6-32
5.25
1427P
1427P1BK-1
1427P1BK
2.80
1.00
0.25
6-32
5.25
1427G2
1427G2BK
3.00
1.00
0.19
4-40
8.75
1427G3
1427G3BK
3.00
1.50
0.31
10-32
8.75
1427G
3.00
1.75
0.25
8-32
8.75
1427N
1427N1BK
3.50
1.20
0.38
10-32
8.75
1427N2
1427N2BK
3.50
1.50
0.25
8-32
8.75
1427N3
3.50
2.06
0.38
1/4-20
STUD
8.75
1427C1
1427C1BK
4.00
1.30
0.38
10-32
8.75
1427S3
1427S3BK
4.00
1.50
0.31
10-32
8.75
1427S
4.00
1.50
0.25
8-32
8.75
1427S2
1427S2BK
4.00
1.75
0.25
8-32
8.75
1427U3
1427U3BK
4.50
1.50
0.31
10-32
8.75
1427T3
1427T3BK
5.00
1.50
0.31
10-32
12.25
1427T
5.00
1.50
0.25
8-32
12.25
1427T2
5.00
1.75
0.25
8-32
12.25
1427M3
5.25
2.06
0.38
1/4-20
STUD
12.25
1427M
1427M1BK
5.30
1.20
0.38
10-32
12.25
1427W
6.00
1.50
0.25
8-32
12.25
1427W3
1427W3BK
6.00
1.75
0.31
10-32
12.25
1427W2
6.00
1.75
0.25
8-32
12.25
1427L
1427L1BK
7.00
1.30
0.38
10-32
14.00
1427H
8.00
1.63
0.38
10-32
14.00
© 2016. Hammond Manufacturing Ltd. All rights reserved.
Quality Products. Service Excellence.


Similar Part No. - 1427B

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1427B HAMMOND-1427B Datasheet
96Kb / 1P
HANDLE MATERIAL-CR STEEL, FINISH-BRIGHT CROME PLATED
logo
Belden Inc.
1427B BELDEN-1427B Datasheet
179Kb / 3P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded
11-09-2022
logo
Hammond Manufacturing L...
1427B HAMMOND-1427B Datasheet
45Kb / 2P
Chassis Handles 1427 Series
logo
Belden Inc.
1427B-B591000 BELDEN-1427B-B591000 Datasheet
179Kb / 3P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded
11-09-2022
logo
Hammond Manufacturing L...
1427B2 HAMMOND-1427B2 Datasheet
45Kb / 2P
Chassis Handles 1427 Series
More results

Similar Description - 1427B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7536M SANYO-LC7536M Datasheet
107Kb / 10P
Serially Controlled Electronic Volume Control that Handles High Voltages
logo
List of Unclassifed Man...
480 ETC2-480 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
TRIAD MAGNETICS
VPL2-10000 TRIAD-VPL2-10000 Datasheet
46Kb / 1P
Chassis Mount : International Series
VPL10-2500 TRIAD-VPL10-2500 Datasheet
46Kb / 1P
Chassis Mount : International Series
logo
Texas Instruments
TP3094 TI1-TP3094_12 Datasheet
131Kb / 20P
Handles four voice channels
logo
PHOENIX CONTACT
SZS-1 PHOENIX-SZS-1 Datasheet
65Kb / 3P
The tools feature ergonomic two-component safety handles
CUTFOX-SE-LM PHOENIX-CUTFOX-SE-LM Datasheet
43Kb / 2P
The tools feature ergonomic two-component safety handles
UNIFOX-PE-VDE PHOENIX-UNIFOX-PE-VDE Datasheet
48Kb / 2P
The tools feature ergonomic two-component safety handles
logo
Omron Electronics LLC
3S4YR-MMX OMRON-3S4YR-MMX Datasheet
1Mb / 6P
Reliable Reader/Writer Handles Magnetic Cards
logo
Keystone Electronics Co...
9121 KEYSTONE-9121 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com