Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

708-6416 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 708-6416
Description  Miniature Panel Sockets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

708-6416 Datasheet(HTML) 2 Page - Labfacility Ltd

  708-6416 Datasheet HTML 1Page - Labfacility Ltd 708-6416 Datasheet HTML 2Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors.
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
^ƉĞĐŝĮ ĐĂƟŽŶƐΘAccessories
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
FAR008/0313. Miniature Panel Sockets
^ĐŚĞŵĂƟĐƌĂǁ ŝŶŐƐ
Panel Size
No. of
Width
Height
Thickness
Product Farnell
rows/holes
Code
Order Code
6 way
1 x 6
115mm 45mm
2mm
FMP-6
708-8164
Accessories
‘6 Way panel for miniature fascia sockets’



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com