Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM-B-M Datasheet(PDF) 1 Page - Labfacility Ltd

Part # IM-B-M
Description  Miniature In-Line Plugs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

IM-B-M Datasheet(HTML) 1 Page - Labfacility Ltd

  IM-B-M Datasheet HTML 1Page - Labfacility Ltd IM-B-M Datasheet HTML 2Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
‘Thermocouple connector
with flat pins’
Miniature In-Line Plugs
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
FAR007/0313. Miniature In-Line Plugs
Range of miniature thermocouple connectors with flat pins to suit thermocouple type
Ideal for general purpose use
ůůĐŽŶƚĂĐƚƐĂƌĞƉŽůĂƌŝƐĞĚƚŽĞŶƐƵƌĞĐŽƌƌĞĐƚĐŽŶŶĞĐƟŽŶ
Connecters will accept thermocouple cable up to 4mm in diameter
Cable clamp available for securing cable to plugs
Available in Thermocouple types K, J, T, N, B, E, R/S & Copper
For Types K, J, T & N contacts are made from true Thermocouple alloys
ŽůŽƵƌĐŽĚĞĚŝŶĂĐĐŽƌĚĂŶĐĞǁ ŝƚŚ/ƐƉĞĐŝĮ ĐĂƟŽŶ
D ĂdžŝŵƵŵĐŽŶƟŶƵŽƵƐŽƉĞƌĂƟŶŐƚĞŵƉĞƌĂƚƵƌĞϮϮϬĚĞŐΣ
T/C
Colour Code
нWŽƐŝƟǀ Ğ
-E ĞŐĂƟǀ Ğ
Part
Farnell
Type
(IEC)
(alloy type)
(alloy type)
Code
Order Code
K
Green
+Nickel Chromium
-Nickel Alloy
IM-K-M
708-6362
J
Black
+Iron
-Copper Nickel
IM-J-M
151-128
T
Brown
+Copper
-Copper Nickel
IM-T-M
708-6404
N
Pink
+Nickel/Chro/Silicon
-Nickel Silicon
IM-N-M
708-6430
Copper White
+Copper
-Copper
IM-CU-M
721-8874
B
Grey
+Copper
-Copper
IM-B-M
2347018
E
Violet
+Nickel Chromium
-Copper Nickel
IM-E-M
234-7019
R/S
Orange
+Copper
-Copper Alloy
IM-R/S-M
234-7020


Similar Part No. - IM-B-M

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
IM-B-FF LABFACILITY-IM-B-FF Datasheet
968Kb / 2P
Miniature Panel Sockets
IM-B-PCB LABFACILITY-IM-B-PCB Datasheet
725Kb / 1P
Miniature Thermocouple PCB D Mounting Socket
More results

Similar Description - IM-B-M

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
345 FILTRONIC-345 Datasheet
148Kb / 2P
MINIATURE, IN-LINE, SMA CONNECTORS
351 FILTRONIC-351 Datasheet
203Kb / 1P
MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
logo
Pomona Electronics
3966 POMONA-3966 Datasheet
27Kb / 1P
BNC (Female) To Miniature Banana Plugs
logo
Switchcraft, Inc.
TT261 SWITCH-TT261 Datasheet
20Kb / 1P
.173 MINIATURE TELEPHONE PLUGS BANTAM TYPE
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
API Technologies Corp
344 APITECH-344 Datasheet
183Kb / 2P
ROTARY JOINTS MINIATURE, IN-LINE, SMA CONNECTORS
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Littelfuse
HE700 LITTELFUSE-HE700 Datasheet
590Kb / 3P
Miniature dual in-line package
HE3300 LITTELFUSE-HE3300 Datasheet
436Kb / 3P
Miniature single in-line package
HE3600 LITTELFUSE-HE3600 Datasheet
402Kb / 3P
Miniature single in-line package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com