Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS-T-F Datasheet(PDF) 1 Page - Labfacility Ltd

Part # IS-T-F
Description  Standard In-Line Thermocouple Sockets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

IS-T-F Datasheet(HTML) 1 Page - Labfacility Ltd

  IS-T-F Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 Standard sized in-ůŝŶĞƚŚĞƌŵŽĐŽƵƉůĞƐŽĐŬĞƚǁ ŝƚŚĐŽŶŶĞĐƟŽŶƐƚŽƐƵŝƚƚŚĞƌŵŽĐŽƵƉůĞƚLJƉĞďĞŝŶŐƵƐĞĚ
 Accepts standard round plug pins
 ^ƵŝƚĂďůĞĨŽƌŝŶĚƵƐƚƌŝĂůĂƉƉůŝĐĂƟŽŶƐ
 Available in Thermocouple types K, J, T, E, N, R/S, B & Copper
 For Types K, J, T, E & N contacts are made from true Thermocouple alloys
 ŽŶƚĂĐƚƐĂƌĞƉŽůĂƌŝƐĞĚƚŽƉƌĞǀ ĞŶƚŝŶĐŽƌƌĞĐƚĐŽŶŶĞĐƟŽŶ
 ŽůŽƵƌĐŽĚĞĚŝŶĂĐĐŽƌĚĂŶĐĞǁ ŝƚŚ/ƐƉĞĐŝĮ ĐĂƟŽŶ
‘Contacts are polarised to prevent
ŝŶĐŽƌƌĞĐƚĐŽŶŶĞĐƟŽŶ͛
Standard In-Line Thermocouple Sockets
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
FAR017/0313. Standard In-Line Thermocouple Sockets
T/C
Colour Code
нWŽƐŝƟǀ ĞŽŶƚĂĐƚ -E ĞŐĂƟǀ ĞŽŶƚĂĐƚ Manufacturing
Farnell
Type
(IEC)
(alloy type)
(alloy type)
Code
Order Code
K
Green
+Nickel Chromium -Nickel Alloy
IS-K-F
708-7937
J
Black
+Iron
-Copper Nickel
IS-J-F
148-824
T
Brown
+Copper
-Copper Nickel
IS-T-F
381-0240
N
Pink
+Nickel/Chro/Silicon-Nickel Silicon
IS-N-F
208-1268
Copper White
+Copper
-Copper
IS-CU-F
208-1267
B
Grey
+Copper
-Copper
IS-B-F
234-7063
E
Violet
+Nickel Chromium-Copper Nickel
IS-E-F
234-7065
R/S
Orange
+Copper
-Copper Alloy
IS-R/S-F
234-7066


Similar Part No. - IS-T-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS-T-F ETC-IS-T-F Datasheet
309Kb / 1P
THERMOCOUPLE CONNECTORS & ACCESSORIES
logo
Labfacility Ltd
IS-T-FF LABFACILITY-IS-T-FF Datasheet
789Kb / 1P
Standard Panel Sockets
IS-T-FF + FSP-1 LABFACILITY-IS-T-FF + FSP-1 Datasheet
723Kb / 4P
IEC Miniature Thermocouple Panel Systems – Type J
Mar-24
IS-T-FF + FSP-10 LABFACILITY-IS-T-FF + FSP-10 Datasheet
723Kb / 4P
IEC Miniature Thermocouple Panel Systems – Type J
Mar-24
IS-T-FF + FSP-2 LABFACILITY-IS-T-FF + FSP-2 Datasheet
723Kb / 4P
IEC Miniature Thermocouple Panel Systems – Type J
Mar-24
More results

Similar Description - IS-T-F

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-93-628-41-001 PREDIP-110-93-628-41-001 Datasheet
40Kb / 1P
Dual-in-line sockets Open frame Solder tail
210-91-306-41-001 PREDIP-210-91-306-41-001 Datasheet
37Kb / 1P
Dual-in-line sockets Closed frame Solder tail
logo
Mill-Max Mfg. Corp.
110-13-308-41-001000 MILL-MAX-110-13-308-41-001000 Datasheet
137Kb / 1P
DUAL-IN-LINE SOCKETS Standard Solder Tail Open Frame
logo
Precid-Dip Durtal SA
110-87-306-41-001101 PREDIP-110-87-306-41-001101 Datasheet
90Kb / 2P
DUAL-IN-LINE SOCKETS
110-87-308-41-105191 PREDIP-110-87-308-41-105191 Datasheet
95Kb / 2P
DUAL-IN-LINE SOCKETS
110-87-318-41-001101 PREDIP-110-87-318-41-001101 Datasheet
90Kb / 2P
DUAL-IN-LINE SOCKETS
110-87-324-41-001101 PREDIP-110-87-324-41-001101 Datasheet
90Kb / 2P
DUAL-IN-LINE SOCKETS
110-87-632-41-001151 PREDIP-110-87-632-41-001151 Datasheet
90Kb / 2P
DUAL-IN-LINE SOCKETS
110-87-640-41-001151 PREDIP-110-87-640-41-001151 Datasheet
90Kb / 2P
DUAL-IN-LINE SOCKETS
114-87-308-41-134191 PREDIP-114-87-308-41-134191 Datasheet
97Kb / 2P
DUAL-IN-LINE SOCKETS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com