Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1456PH3BKBK. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1456PH3BKBK.
Description  Purchased assembly includes case, cover, 4 cover screws, and 4 rubber feet. Case made from 12 Gauge aluminum (.081"),Top made from 14 Gauge aluminum (.064").
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1456PH3BKBK. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1456PH3BKBK. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Beige Top / Blue Case
1456PH3WHBU
Black Top / Blue Case
1456PH3BKBU
Black Top / Black Case
1456PH3BKBK
Natural Finish Cover Screws (Pkg 6)
[6‐32 x 1/4" Self‐Tapping Screws]
1421J6
Black Cover Screws (Pkg 6)
[6‐32 x 1/4" Self‐Tapping Screws]
1421J6BK
Rubber Feet [0.5 x 0.5" Self‐adhesive] (Pkg 24) 
1421T3
NOTE
1456
Purchased assembly includes case, cover, 4 cover screws, and 4 rubber feet.
Case made from 12 Gauge aluminum (.081"),Top made from 14 Gauge
aluminum (.064").
Recommended screw torque 150-175 cN-m (13.3-15.5 lbf-in)
1456PH3 Regular Enclosure
ACCESSORIES
DETAIL B
TOP PANEL - BOTTOM VIEW
ENCLOSURE CASE - BOTTOM VIEW
SECTION A-A
1456PH3
Dimensions:
mm
[inches]
www.hammondmfg.com
®
B
A
A
3.18
[.13]
6.35
[.25]
22.23
[.88]
2.79
[.11]
8X
4.80
[.19]
4X
344.17
[13.55]
334.98
[13.19]
292.10
[11.50]
14.29
[.56]
212.32
[8.36]
201.22
[7.92]
195.17
[7.68]
191.67
[7.55]
4.34
[.17]
4X
25.40
[1.00]
25.43
[1.00]
360.22
[14.18]
334.95
[13.19]
11.82
[.47]
201.19
[7.92]
218.67
[8.61]
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
(Part number and text placement/orientation on our products are subject to change,
we do not recommend using them as a locating reference for modification purposes)
161.51
[6.36]
58.50
[2.30]
61.70
[2.43]
81.43
[3.21]
76.20
[3.00]
159.94
[6.30]
183.74
[7.23]
209.07
[8.23]
31.91
[1.26]
40.63
[1.60]
35.10
[1.38]
218.67
[8.61]
72.95
[2.87]
15.0°
81.43
[3.21]
28.58
[1.13]
46.81
[1.84]
360.22
[14.18]
1.63
[.06]
356.11
[14.02] 355.60
[14.00]
2.06
[.08]


Similar Part No. - 1456PH3BKBK.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1456PH3BKBK HAMMOND-1456PH3BKBK Datasheet
236Kb / 2P
Sloped Aluminum Consoles 1456 Series
12/27/2018
1456PH3BKBK HAMMOND-1456PH3BKBK Datasheet
236Kb / 2P
Sloped Aluminum Consoles 1456 Series
1/28/2019
More results

Similar Description - 1456PH3BKBK.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590GBK HAMMOND-1590GBK Datasheet
137Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1590WP1BK HAMMOND-1590WP1BK Datasheet
121Kb / 1P
Purchased assembly includes box, lid and 4 cover screws. Box and lid are made from Diecast Aluminum Alloy (alloy type 360.1).
1590FBK HAMMOND-1590FBK Datasheet
133Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1551G HAMMOND-1551G Datasheet
295Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551M HAMMOND-1551M Datasheet
298Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551MFL HAMMOND-1551MFL Datasheet
299Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551N HAMMOND-1551N Datasheet
306Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551NFL HAMMOND-1551NFL Datasheet
296Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551QFL HAMMOND-1551QFL Datasheet
300Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1553AA HAMMOND-1553AA Datasheet
376Kb / 1P
Purchased assembly includes top and bottom cover, and 4 cover screws.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com