Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1456CE2BKBK. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1456CE2BKBK.
Description  Sloped Aluminum Consoles 1456 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1456CE2BKBK. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1456CE2BKBK. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1456CE2BKBK. Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12/27/2018
Sloped Aluminum Consoles (1456 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/general-purpose/1456
1/2
Vents on rear and bottom
All models have a blue base.
Available with a beige or
black top.
Shown unassembled
Sloped Aluminum Consoles 1456 Series
Key Features
Aluminum cases 0.081” (2 mm) thick aluminum.
Aluminum top panel sizes to 14” wide are 0.064” thick aluminum. Larger sizes are 0.081”
thick.
Sold pre-assembled with a textured blue case and a choice of a contempra grey (beige)
or a black top panel.
Comes with self adhesive rubber feet and required mounting hardware.
Some models available with walnut sides - see series 1456CWW
Replacement screws 1421J6 (Pkg. of 6, 6-32 Philips head sheet metal screws).
Photo Features
Enclosures
Slope
Beige Top w/ Blue Case
Black Top w/ Blue Case
Black Top w/ Black Case
Width
Depth
Rear Height
Front Height
None
1456NEK4WHBU
1456NEK4BKBU
1456NEK4BKBK
6.00
10.00
4.00
4.00
10 Degrees
1456FE1WHBU
1456FE1BKBU
1456FE1BKBK
6.50
5.50
2.50
1.50
10 Degrees
1456PH1WHBU
1456PH1BKBU
1456PH1BKBK
14.00
8.30
3.00
1.50
10 Degrees
1456RL1WHBU
1456RL1BKBU
1456RL1BKBK
17.00
11.30
3.50
1.50
10 Degrees
1456WL1WHBU
1456WL1BKBU
1456WL1BKBK
20.00
11.30
3.50
1.50
15 degrees
1456CE2WHBU
1456CE2BKBU
1456CE2BKBK
4.00
5.50
2.00
1.10
15 Degrees
1456FE2WHBU
1456FE2BKBU
1456FE2BKBK
6.50
5.50
2.00
1.10
15 Degrees
1456FH3WHBU
1456FH3BKBU
1456FH3BKBK
6.50
8.30
3.00
1.30
Quality Products. Service Excellence.


Similar Part No. - 1456CE2BKBK.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1456CE2BKBK HAMMOND-1456CE2BKBK Datasheet
236Kb / 2P
Sloped Aluminum Consoles 1456 Series
1/28/2019
More results

Similar Description - 1456CE2BKBK.

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA430 INFINEON-BGA430 Datasheet
724Kb / 24P
A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
19-November-2002
logo
Cirrus Logic
CR3710 CIRRUS-CR3710 Datasheet
106Kb / 2P
Integrated ATAPI DVD Drive Manager Fully Integrated Chip for Game Consoles and DVD Players/ROMs
logo
Dialight Corporation
550-XX07-004 DIALIGHT-550-XX07-004 Datasheet
83Kb / 11P
5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
550-0207 DIALIGHT-550-0207 Datasheet
104Kb / 1P
5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
logo
International Rectifier
IRF8910PBF IRF-IRF8910PBF_08 Datasheet
290Kb / 10P
Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
logo
Panasonic Semiconductor
EEV-FK1V221P PANASONIC-EEV-FK1V221P Datasheet
295Kb / 7P
Aluminum Electrolytic Capacitor/FK series
logo
Dialight Corporation
550-5207F DIALIGHT-550-5207F Datasheet
89Kb / 11P
5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
logo
PANDUIT CORP.
UICFPSE2IW PANDUIT-UICFPSE2IW Datasheet
68Kb / 1P
MINI-COM ULTIMATE ID 2 POSITION VERTICAL SLOPED EXECUTIVE SERIES FACEPLATE CUSTOMER DRAWING
logo
Sangdest Microelectroni...
SMP4050-12UTG SMC-SMP4050-12UTG Datasheet
282Kb / 5P
Game Consoles
logo
PANDUIT CORP.
CFPSL6XXY PANDUIT-CFPSL6XXY Datasheet
87Kb / 1P
MINI-COM 6 POSITION VERTIAL SLOPED FACEPLATE WITH LABEL/COVERS CUSTOMER DEAWING
3-11-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com