Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIPIW-C Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CIPIW-C
Description  Water-Resistant Faceplate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CIPIW-C Datasheet(HTML) 1 Page - PANDUIT CORP.

  CIPIW-C Datasheet HTML 1Page - PANDUIT CORP. CIPIW-C Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
specifications
Four-position water-resistant faceplate shall be made of high
impact polycarbonate material and include unique gaskets
that prevent water from entering and damaging the
connections. The two-piece hinged design shall allow the
cover and base to stay together, while allowing easy access
to the modules without misplacing the cover. The faceplate
shall mount to a single gang outlet opening. Ports shall be
sloped, providing an angle to help maintain the bend radius
of the cables. Icon slots shall be included above each port for
additional identification options.
technical information
Mounting options:
Mounts to single gang opening, compatible with any standard
in-wall box
Packaging:
Faceplate cover and base supplied with two mounting screws
(#6-32 x 1"), cover and base gasket, back seal gasket, and two
sets of screws to secure cover to base (#6-32 x 1.25" combo-
head, and hexagon button head tamper-resistant screws)
Level of protection:
Meets requirements for an IP-56 enclosure
Material:
Impact-resistant polycarbonate
key features and benefits
Modular:
Accepts all Mini-Com® Modules; individual modules snap in and
out for greater flexibility and easy moves, adds, and changes
Water-resistant:
Unique design provides a tight seal to protect connectivity from
water damage
Sloped design:
Improves bend radius control; allows cover to close without
compromising the cable’s performance
Icon slots:
Located above each port, icon slots accept optional icons for
easy identification
Hinged design:
Keeps cover attached to base to avoid misplacing the cover while
accessing the modules
Durable:
Impact-resistant material provides extra protection, allowing it to
endure more than an average faceplate
applications
The water-resistant faceplate is designed
to protect modules that can potentially
be exposed to water. It is ideal for use in
wash down areas, commercial kitchens
such as hotels, restaurants and hospitals,
the automotive industry, laboratories,
greenhouses, and others.
The design provides a tight seal that will
protect voice, data, and video connections
from possible water damage. The gasket
located in the back seals the area between
the wall and the faceplate. When closed,
the base and cover gasket seals the
section where patch cords enter the
faceplate, keeping connections dry to avoid
unnecessary replacements.
www.panduit.com
Mini-Com® Water-Resistant Faceplate
4-port:
CFPWR4CIG
Icons:
Phone:
CIPIW-C
Data:
CID^-C
Mini-Com® Modules:
Visit www.panduit.com for a complete selection
of connectivity for use with the water-resistant
faceplate.
^To designate a color, replace ^ with color
designation: WH (White), BU (Blue), RD (Red),
GR (Green), OR (Orange), YL (Yellow).
Mini-Com® Water-Resistant Faceplate
SPECIFICA TION SHEET


Similar Part No. - CIPIW-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CIPIW-C PANDUIT-CIPIW-C Datasheet
157Kb / 2P
Mini-Jack ™TX5e™ UTP Jack Module
11/2010
CIPIW-C PANDUIT-CIPIW-C Datasheet
191Kb / 2P
Mini-Com® TX6™ PLUS UTP Jack Modules
CIPIW-C PANDUIT-CIPIW-C Datasheet
170Kb / 2P
Mini-Com TX6™ PLUS UTP Jack Modules
05/2016
CIPIW-C PANDUIT-CIPIW-C Datasheet
127Kb / 2P
Mini-Com TX6 PLUS UTP Jack Module
11/2010
CIPIW-C PANDUIT-CIPIW-C Datasheet
349Kb / 2P
Mini-Com TX6™ PLUS UTP Jack Modules
02/2016
More results

Similar Description - CIPIW-C

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
WATER RESISTANT SOLENOID
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
Water Resistant Stopwatch/Clock
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
WATER RESISTANT SCREEN CAP
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510_15 Datasheet
151Kb / 1P
Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
WSP WATER RESISTANT SPEAKER
WSP-307008 SOBERTON-WSP-307008_18 Datasheet
548Kb / 1P
WSP WATER RESISTANT SPEAKER
WSP-7608 SOBERTON-WSP-7608_18 Datasheet
499Kb / 1P
WSP WATER RESISTANT SPEAKER
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
WSP WATER RESISTANT SPEAKER
WSP-4508-7 SOBERTON-WSP-4508-7_18 Datasheet
447Kb / 1P
WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com