Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT-2500CASE Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CT-2500CASE
Description  Battery Powered Crimping Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CT-2500CASE Datasheet(HTML) 1 Page - PANDUIT CORP.

  CT-2500CASE Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
D1.88
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
CT-2500 Battery Powered Crimping Tool
• Quick two-second crimping cycle results in less time to crimp
terminals compared to conventional methods
• Lightweight 3.3 lb. design provides maximum productivity and ease
of use in continuous workflow operations
• Interchangeable crimp heads for termination of all Panduit
#22 – 10 AWG terminals, disconnects, and splices
CT-2500
CT-2550CH
CT-2500BC
Part Number
Part Description
Std.
Pkg.
Qty.
Crimping Tools
CT-2500
Crimps Panduit #22 – 10 AWG insulated and non-insulated terminals, disconnects
and splices. Includes tool, two battery cartridges (CT-2500BC), battery charger
(CT-2500CHR) and molded carrying case (CT-2500CASE). These parts are
also compatible with the CT-2600. Crimp heads not included. Meets U.S.
voltage requirements.
1
CT-2500/E
Crimps Panduit #22 – 10 AWG insulated and non-insulated terminals, disconnects
and splices. Includes tool, two battery cartridges (CT-2500BC), battery charger
(CT-2500CHR/E) and molded carrying case (CT-2500CASE). These parts are
also compatible with the CT-2600/E. Crimp heads not included. Meets European
voltage requirements.
1
Crimp Head Frames
CT-2550CH
Crimps Panduit #22 – 10 AWG insulated terminals, disconnects, and splices.
1
CT-2525CH
Crimps Panduit #22 – 10 AWG fully insulated disconnects and insulated
parallel splices.
1
CT-2570CH
Crimps Panduit #22 – 10 AWG non-insulated terminals, disconnects, and splices.
1
Die Inserts For Use With CT-2500CH Crimp Head Frame
CD-525
Die insert used with CT-2500CH (sold separately) to crimp Panduit #22 – 10 AWG
fully insulated disconnects and insulated parallel splices.
1
CD-550
Die insert used with CT-2500CH (sold separately) to crimp Panduit #22 – 10 AWG
insulated terminals, disconnects, and splices.
1
CD-570
Die insert used with CT-2500CH (sold separately) to crimp Panduit #22 – 10 AWG
non-insulated terminals, disconnects, and splices.
1
Accessories
CT-2500CHR
U.S. compatible battery charger for use with the CT-2500 and the CT-2600.
1
CT-2500CHR/E
European compatible battery charger for use with the CT-2500/E and CT-2600/E.
1
CT-2500BC
Rechargeable tool battery for use with the CT-2500 and CT-2600.
1
CT-2500CASE
Carrying case, holds tool (CT-2500 or CT-2600) and accessories.
1


Similar Part No. - CT-2500CASE

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CT-2500CASE PANDUIT-CT-2500CASE Datasheet
588Kb / 4P
PAN-TERM Terminals, Ferrules, and Crimping Tools
5/2007
More results

Similar Description - CT-2500CASE

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638160100 MOLEX11-0638160100 Datasheet
37Kb / 1P
Air Powered Crimping Tool
0638160200 MOLEX11-0638160200 Datasheet
38Kb / 1P
Battery Powered Crimping Tool
0638160500 MOLEX11-0638160500 Datasheet
41Kb / 1P
Bench Adapter for Air Powered Crimping Tool
0638161000 MOLEX11-0638161000 Datasheet
39Kb / 1P
Battery Powered Crimping Tool
0638161050 MOLEX11-0638161050 Datasheet
38Kb / 1P
Battery Powered Crimping Tool
logo
Rosenberger Hochfrequen...
11W161-800 ROSENBERGER-11W161-800 Datasheet
681Kb / 3P
Crimping Tool
logo
HARTING Technology Grou...
09-99-000-0990 HARTING-09-99-000-0990 Datasheet
941Kb / 2P
Battery Crimping Tool Set
2021-10-01
logo
Molex Electronics Ltd.
63816-0270 MOLEX-63816-0270 Datasheet
4Mb / 32P
Battery Crimping Tool
08-21-18
0638160270 MOLEX-0638160270 Datasheet
37Kb / 1P
Battery Powered Crimping Tool, 110V
08/26/2022
0638160280 MOLEX-0638160280 Datasheet
37Kb / 1P
Battery Powered Crimping Tool, 220V
08/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com