Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJS6X88TGY Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CJS6X88TGY
Description  Mini-Com TX6A™ 10Gig™ Shielded Jack Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CJS6X88TGY Datasheet(HTML) 1 Page - PANDUIT CORP.

  CJS6X88TGY Datasheet HTML 1Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
Category 6A/Class EA, 8-position, shielded jack module shall terminate 4-pair, 22 – 26 AWG,
100 ohm shielded twisted pair cable and shall not require use of a punchdown tool. Shielded
jack modules shall use a forward motion termination method to optimize performance by
maintaining cable pair geometry while eliminating conductor untwist. The termination cap shall
be color-coded blue to designate Category 6A performance and shall include a universal label
coded for T568A and T568B wiring schemes. The Mini-Com® TX6A™ 10Gig™ Shielded Jack
Module must be installed as part of the TX6A™ 10Gig™ Shielded Copper Cabling System to
achieve IEEE 10GBASE-T certified performance.
Mini-Com® TX6A™ 10Gig™
Shielded Jack Modules
SPECIFICA TION SHEET
applications
Mini-Com® TX6A™ 10Gig™ Shielded Jack Modules are a
component of the TX6A™ 10Gig™ Shielded Copper Cabling
System. This end-to-end system provides a cost effective
medium for ensuring that network bandwidth needs are
easily met today and tomorrow. This shielded system
provides high performance, excellent EMI suppression
and aids in secure data transmission. The Panduit solution
helps ensure organizations efficiently and reliably meet their
data transmission needs. With certified performance to the
ISO 11801 Class EA, IEEE 802.3an-2006 and ANSI/TIA-
568.2-D Category 6A standards, this system will support
high bandwidth applications with data centers and
connections to high end workstations such as stacking
switches and switch-to-switch links, storage area networks,
aggregation of Gigabit Ethernet channels, real-time intensive
financial transactions, streaming video, animation, scientific
modeling and medical imaging.
tec hnical infor mation
Category 6A/Class EA
performance:
Exceeds ANSI/TIA-568.2-D Category 6A and ISO 11801 Class EA channel requirements for
supporting 10GBASE-T transmission over twisted pair cabling systems in a 4-connector
configuration up to 100 meters at swept frequencies 1 to 500 MHz
Meets ANSI/TIA-568.2-D and ISO 11801 Category 6A component requirements at swept fre-
quencies up to 500 MHz
FCC compliance:
Complies with ANSI/TIA-1096-A (formerly FCC Part 68); contacts plated with
50 microinches of gold
IEC compliance:
Meets IEC 60603-7 and IEC 60512-99-001
Operating temperature: -10° C to 65° C (14° F to 149° F)
PoE compliance:
Rated for 2500 cycles with IEEE 802.3af / 802.3at and 802.3bt type 3 and type 4 for up to
100W
UL Listed:
UL 1863 (Use as communications circuit accessory)
UL 2043 (Suitable for use in air-handling spaces)
RoHS compliance:
Compliant
Conductor
termination range:
Standard wire cap compatible with 22 – 26 AWG solid or stranded cable with conductor
insulation diameters of 0.060 in. max and overall cable O.D. 0.200 in. to 0.330 in.;
Marine jack module wire cap compatible with 22 AWG solid or stranded cable with 0.071
in (1.80mm) maximum insulated conductor outside diameter cable
k ey featur es and benefits
100% performance tested
Confidence that each jack module will deliver the critical electrical
performance requirements
Utilizes enhanced
Giga-TX™ Technology
Optimizes performance by eliminating conductor untwist and reduces installation time
and expense
Integral shield
Provides a 360° conductive path to ground shielded jack module with no additional
assembly required
Snap in grounding
Shield provides seamless bonding of the jack module with Mini-Com® All Metal Modular
Patch Panels
Modular
Shielded jack modules snap in and out of all Mini-Com® Faceplates, Metal Modular Patch
Panels and Surface Mount Boxes for easy moves, adds, and changes
Individually serialized
Marked with quality control number for future traceability
Identification
Can be clearly identified with optional labels and icons for port identification
High density
Able to support 48 ports in 1RU density
Shuttered version
(optional):
Integrated spring shuttered door keeps out dust and debris of un-mated RJ45 jack
modules automatically
Marine compatible
version available
Terminates to TX7000™ Shielded MUD-Resistant Marine Copper Cable (S/FTP), which
includes a durable flame-, oil-, UV- and MUD-resistant cable jacket; ideal for use in harsh
environments encountered in marine applications including ship and offshore/onshore
units
Termination
tools (optional)
EGJT-1 termination tool ensures conductors are fully terminated by utilizing a smooth for-
ward motion without impact on critical internal components for maximum reliability; TGJT
termination tool ideal for high volume installations
Block out device (optional) Provides a simple and secure method to control access to data ports while not in use
Grounding availability
Able to ground anywhere. For grounding shielded jack modules not installed in a
Mini-Com® All Metal Modular Patch Panel, use the shielded jack module grounding kit,
part number CJSGK-XY
TX6A™ 10Gig™ Shielded
Copper Cabling System
Mini-Com® TX6A™ 10Gig™
Shielded Jack Modules
Jack module:
CJS6X88TG*Y
Shuttered jack
module:
CJSH6X88TG*Y
Marine jack module: CJSM6X88TGY‡
Tools and Accessories
Jack module
termination tool:
EGJT-1 or TGJT
Wire snipping tool:
CWST
Wire stripping tool:
CJAST
Clear dust cap:
MDC-C
Block out device:
PSL-DCJB-^^^
Phone icons:
CIPIW-C++
Data icons:
CIDIW-C++
*To designate color, add BU (Blue), RD (Red),
WH (White), YL (Yellow), GR (Green) or VL (Violet).
For part number CJS6X88TGY (no designation),
the color is black.
^^^To designate color other than Red, add suffix
BL (Black), BU (Blue), YL (Yellow), GR (Green),
OR (Orange), IW (Off White), or IG (International
Gray) at the end of the part number. 10/package.
++
To designate color other than IW (Off White), replace
IW with EI (Electric Ivory), IG (International Gray),
BL (Black), BU (Blue), RD (Red), YL (Yellow),
GR (Green), OR (Orange), or VL (Violet) in
the part number. 100/package.
Contact customer service for bulk packaged and/or
keyed jack modules. Panduit recommends installing
shielded jack modules in Mini-Com® All Metal
Modular Patch Panels.


Similar Part No. - CJS6X88TGY

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CJS6X88TGY PANDUIT-CJS6X88TGY Datasheet
320Kb / 2P
TX6A 10GIG SHIELDED JACK MODULE
CJS6X88TGY PANDUIT-CJS6X88TGY Datasheet
384Kb / 2P
8-Port DIN Rail Mount Copper Patching Solution
4/2021
CJS6X88TGY PANDUIT-CJS6X88TGY Datasheet
371Kb / 2P
Mini-Com TX6A™ 10Gig™ Shielded Jack Modules
1/2021
CJS6X88TGY PANDUIT-CJS6X88TGY Datasheet
2Mb / 2P
Mini-Com TX6A™ 10Gig ™ Shielded Jack Modules
CJS6X88TGY PANDUIT-CJS6X88TGY Datasheet
1Mb / 12P
Network Infrastructure for the Enterprise
1/2017
More results

Similar Description - CJS6X88TGY

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CJ88IWY PANDUIT-CJ88IWY Datasheet
94Kb / 2P
Mini-Com짰 Mini-Jack??Category 3 UTP Jack Modules
CJS5E88TGY PANDUIT-CJS5E88TGY Datasheet
487Kb / 3P
Mini-Com짰 TX5e??Shielded Jack Modules
CJS6X88TGY PANDUIT-CJS6X88TGY Datasheet
320Kb / 2P
TX6A 10GIG SHIELDED JACK MODULE
CJS688TGY PANDUIT-CJS688TGY Datasheet
486Kb / 3P
Mini-Com짰 TX6??PLUS Shielded Jack Modules
CM35MSS PANDUIT-CM35MSS Datasheet
59Kb / 1P
MINI-COM 3.5MM HEAD PHONE JACK MODULE
SPS6X88-C PANDUIT-SPS6X88-C Datasheet
120Kb / 2P
TX6A Category 6A Shielded Modular Plug
PUFR6X04BU-UG PANDUIT-PUFR6X04BU-UG Datasheet
177Kb / 2P
TX6A??10Gig??Shielded Copper Cable ??U/FTP
CPP24FMWBLY PANDUIT-CPP24FMWBLY Datasheet
105Kb / 2P
TX6A??10Gig??UTP Patch Cords with MaTriX Technology
5/2011
CPPKL6ATG48WBL PANDUIT-CPPKL6ATG48WBL Datasheet
171Kb / 1P
MINI-COM 48 PORT TX6A 10 GIG MODULAR PATCH PANEL KIT
6-25-13
logo
Infineon Technologies A...
IFCM15S60GS INFINEON-IFCM15S60GS Datasheet
1Mb / 26P
CIPOS™ Mini
Verison 2.4 2021-12-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com