Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3513 Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHA3513
Description  6-18GHz 3 bit Digital Variable Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3513 Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHA3513 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 9Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CHA3513
6-18GHz Digital Variable Amplifier
Ref. : DSCHA35136216 - 04 Aug 06
8/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Assembly and Mechanical Data
Note : Supply feed should be capacitively bypassed. 25µm diameter gold wire is to be prefered.
Recommended circuit bonding table
Label
Type
Decoupling
Comment
10A, 10B
Vc
Not required
First 10dB pad control
5A, 5B
Vc
Not required
5dB pad control
10A1, 10B1
Vc
Not required
Second 10dB pad control
B
Vd
120pF / 10nF
Drain Supply
D
Vd
120pF / 10nF
Drain Supply
F
Vd
120pF / 10nF
Drain Supply
A
Vg
Not required
Gate Supply
C
Vg
Not required
Gate Supply
E
Vg
Not required
Gate Supply
H
Vc
Not required
Switch control
G
Vc
Not required
Switch control
10nF
To Vd DC Drain Supply
10A
5A
10A1
B
C
F
10B
5B
10B1
A
D
E
G
H
100nF
120pF
120pF
120pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com