Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1550Z111.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1550Z111..
Description  Purchased assembly includes enclosure, M4x20 lid screws and Pre-formed Silicone Gasket Cover screws should be torqued to 5-7.5 lbf.in (50-75 cN.m)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1550Z111.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1550Z111.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Top View Looking Inside Box
ASSEMBLY
View Looking Inside Lid
SECTION J-J
Side View of Assembly
SECTION K-K
End View of Assembly
1550Z111
1550Z111BK
Natural Finish Enclosure
Black Textured Enclosure
Purchased assembly includes enclosure, M4x20 lid screws and
Pre-formed Silicone Gasket
NOTES
Cover screws should be torqued to 5-7.5 lbf.in (50-75 cN.m)
1550Z111
PART NUMBERS
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
JJ
K
K
1550Z111
2.575 in
[65.40 mm]
4.543 in
[115.40 mm]
2.087 in
[53.00 mm]
4.055 in
[103.00 mm]
1.957 in
[49.70 mm]
(Inner Box Height)
4.227 in
[107.37 mm]
(Inner Box Length)
0.126 in
[3.20 mm]
(Wall Thickness)
0.125 in
[3.18 mm]
2.325 in
[59.05 mm]
0.125 in
[3.18 mm]
4.293 in
[109.05 mm]
0.873 in
[22.18 mm]
1.183 in
[30.05 mm]
0.519 in
[13.18 mm]
3.506 in
[89.05 mm]
R0.267 in
[6.78 mm]
1.035 in
[26.28 mm]
2.176 in
[55.28 mm]
0.593 in
[15.06 mm]
1.035 in
[26.28 mm]
0.593 in
[15.06 mm]
3.357 in
[85.28 mm]
0.199 in
[5.06 mm]
4.145 in
[105.28 mm]
0.394 in
[10.00 mm]
2.259 in
[57.37 mm]
(Inner Box Width)
0.205 in
[5.20 mm]
2.181 in
[55.40 mm]
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
3.071 in
[78.00 mm]
1.890 in
[48.00 mm]
File #E71073
NEMA 4, 4X
INTERNAL SHELF ACCEPTS
#6 SELF TAPPING SCREW


Similar Part No. - 1550Z111..

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1550Z111F HAMMOND-1550Z111F Datasheet
359Kb / 3P
Watertight Diecast Aluminum Enclosures w/ Flanges
10/3/24, 5:02 PM
1550Z111FBK HAMMOND-1550Z111FBK Datasheet
359Kb / 3P
Watertight Diecast Aluminum Enclosures w/ Flanges
10/3/24, 5:02 PM
More results

Similar Description - 1550Z111..

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590GBK HAMMOND-1590GBK Datasheet
137Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1590FBK HAMMOND-1590FBK Datasheet
133Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1553AA HAMMOND-1553AA Datasheet
376Kb / 1P
Purchased assembly includes top and bottom cover, and 4 cover screws.
1551WHFL HAMMOND-1551WHFL Datasheet
404Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 23.03.2021
1551WH HAMMOND-1551WH Datasheet
416Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
1551WK HAMMOND-1551WK Datasheet
384Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
1551WKFL HAMMOND-1551WKFL Datasheet
407Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
1551WT HAMMOND-1551WT Datasheet
383Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
1551WTFL HAMMOND-1551WTFL Datasheet
385Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 23.03.2021
1551WX HAMMOND-1551WX Datasheet
332Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com