| Electronic Components Datasheet Search |
|
1550Z115.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd. |
|
|
|||||||||||||||||||||||||||||
1550Z115.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd. |
|
|
1 / 1 page ![]() ASSEMBLY Top View Looking Inside Box View Looking Inside Box SECTION B-B Side View of Assembly SECTION A-A End View of Assembly 1550Z115 1550Z115BK Purchased assembly includes enclosure, M4x20 lid screws and Pre-formed Silicone Gasket Natural Finish Enclosure Black Textured Enclosure NOTES Cover screws should be torqued to 5-7.5 lbf.in (50-75 cN.m) 1550Z115 PART NUMBERS 1 1 2 2 3 3 4 4 5 5 6 6 7 7 8 8 A A B B C C D D BB A A 1550Z115 Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. ) Contact Factory mjm@hammondmfg.com for quotes Solid models of this enclosure available in STEP or IGES. 5.843 in [148.40 mm] 4.268 in [108.40 mm] 3.661 in [93.00 mm] 5.236 in [133.00 mm] 0.402 in [10.20 mm] 2.969 in [75.40 mm] 3.915 in [99.45 mm] (Inner Box Width) 0.276 in [7.00 mm] 0.123 in [3.14 mm] (Wall Thickness) 5.490 in [139.45 mm] (Inner Box Length) 2.752 in [69.90 mm] (Inner Box Height) 0.133 in [3.38 mm] 4.002 in [101.65 mm] 0.538 in [13.68 mm] 4.766 in [121.05 mm] 0.538 in [13.68 mm] 3.191 in [81.05 mm] 0.133 in [3.38 mm] 5.577 in [141.65 mm] 0.207 in [5.25 mm] 3.854 in [97.89 mm] 4.618 in [117.29 mm] 0.612 in [15.55 mm] 3.043 in [77.29 mm] 0.612 in [15.55 mm] 0.207 in [5.25 mm] 5.429 in [137.89 mm] 4.331 in [110.00 mm] 3.543 in [90.00 mm] File #E71073 NEMA 4, 4X INTERNAL SHELF ACCEPTS #6 SELF TAPPING SCREW |
Similar Part No. - 1550Z115.. |
|
Similar Description - 1550Z115.. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |