Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMB962 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RMB962
Description  miniature relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RMB962 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RMB962 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMB962 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMB962 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.relpol.com.pl
Export Sales Department Phone +48 68 47 90 832 • Marketing Department Phone +48 68 47 90 900
RMB962
miniature relays
see Table 1 page 2
Examples of ordering codes:
RMB962A-3011-35-1012
bistable relay RMB962 with two coils, contact material AgSnO2, with one changeover
contact - raster type A (3,2 mm), in cover IP 67, for PCB, voltage version 12 V DC
RMB962A-3021-35-1012
bistable relay RMB962 with two coils, contact material AgSnO2, with one normally open
contact - raster type A (5,0 mm), in cover IP 67,
for PCB, voltage version 12 V DC
Ordering codes
Type
Contact
material
Number and type
of contacts
Cover protection
category
Connection
mode
Coil code
Contact material
10 - AgCdO
12 - AgCdO/Au 3,5 µm
30 - AgSnO2
Number and type of contacts
11 - 1 C/O
21 - 1 NO
Cover protection category
3 - in cover, IP 67 waterproof version
Connection mode
5 - for PCB
Type of raster
Coil type
2 - bistable, two coils
Type of raster ❶
❶
❶
❶
❶
A - 3,2 / 5,0 mm raster
❶ Relays with other
rasters available
- contact Relpol S.A.
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com