Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1860CMS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1860CMS8
Description  mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1860CMS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1860CMS8 Datasheet HTML 1Page - Linear Technology LTC1860CMS8 Datasheet HTML 2Page - Linear Technology LTC1860CMS8 Datasheet HTML 3Page - Linear Technology LTC1860CMS8 Datasheet HTML 4Page - Linear Technology LTC1860CMS8 Datasheet HTML 5Page - Linear Technology LTC1860CMS8 Datasheet HTML 6Page - Linear Technology LTC1860CMS8 Datasheet HTML 7Page - Linear Technology LTC1860CMS8 Datasheet HTML 8Page - Linear Technology LTC1860CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1860/LTC1861
18601f
Power Dissipation .............................................. 400mW
Operating Temperature Range
LTC1860C/LTC1861C ............................. 0
°C to 70°C
LTC1860I/LTC1861I .......................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
Supply Voltage (VCC) ................................................. 7V
Ground Voltage Difference
AGND, DGND LTC1861 MSOP Package ...........
±0.3V
Analog Input .................... (GND – 0.3V) to (VCC + 0.3V)
Digital Input ..................................... (GND – 0.3V) to 7V
Digital Output .................. (GND – 0.3V) to (VCC + 0.3V)
(Notes 1, 2)
ORDER PART
NUMBER
MS8 PART MARKING
ORDER PART
NUMBER
LTC1860CMS8
LTC1860IMS8
LTWR
LTWS
MS PART MARKING
TJMAX = 150°C, θJA = 210°C/W
TJMAX = 150°C, θJA = 175°C/W
1
2
3
4
VREF
IN+
IN¯
GND
8
7
6
5
VCC
SCK
SDO
CONV
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
LTC1861CMS
LTC1861IMS
LTWT
LTWU
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
q
12
Bits
No Missing Codes Resolution
q
12
Bits
INL
(Note 3)
q
±1LSB
Transition Noise
0.07
LSBRMS
Gain Error
q
±20
mV
Offset Error
LTC1860 SO-8 and MSOP, LTC1861 MSOP
q
±2
±5mV
LTC1861 SO-8
q
±3
±7mV
Input Differential Voltage Range
VIN = IN
+ – IN–
q
0VREF
V
Absolute Input Range
IN+ Input
– 0.05
VCC + 0.05
V
IN– Input
– 0.05
VCC/2
V
VREF Input Range
LTC1860 S0-8 and MSOP, LTC1861 MSOP
1
VCC
V
Analog Input Leakage Current
(Note 4)
q
±1
µA
CIN Input Capacitance
In Sample Mode
12
pF
During Conversion
5
pF
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = 5V, VREF = 5V, fSCK = fSCK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
ORDER PART
NUMBER
S8 PART MARKING
LTC1860CS8
LTC1860IS8
1860
1860I
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VREF
IN+
IN–
GND
VCC
SCK
SDO
CONV
ORDER PART
NUMBER
S8 PART MARKING
LTC1861CS8
LTC1861IS8
1861
1861I
TJMAX = 150°C, θJA = 210°C/W
TJMAX = 150°C, θJA = 175°C/W
1
2
3
4
5
CONV
CH0
CH1
AGND
DGND
10
9
8
7
6
VREF
VCC
SCK
SDO
SDI
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
CONV
CH0
CH1
GND
VCC
SCK
SDO
SDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com