Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1860CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1860CS8
Description  mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1860CS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1860CS8 Datasheet HTML 1Page - Linear Technology LTC1860CS8 Datasheet HTML 2Page - Linear Technology LTC1860CS8 Datasheet HTML 3Page - Linear Technology LTC1860CS8 Datasheet HTML 4Page - Linear Technology LTC1860CS8 Datasheet HTML 5Page - Linear Technology LTC1860CS8 Datasheet HTML 6Page - Linear Technology LTC1860CS8 Datasheet HTML 7Page - Linear Technology LTC1860CS8 Datasheet HTML 8Page - Linear Technology LTC1860CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1860/LTC1861
18601f
Reference Current vs
Sample Rate
Reference Current vs
Temperature
Reference Current vs
Reference Voltage
Typical INL Curve
Typical DNL Curve
Analog Input Leakage vs
Temperature
SAMPLE RATE (kHz)
0
60
50
40
30
20
10
0
50
100
150
200
1860/61 G04
250
CONV IS LOW FOR 800ns
TA = 25°C
VCC = 5V
VREF = 5V
TEMPERATURE (
°C)
–50
55
54
53
52
51
50
49
48
47
46
45
0
50
75
1860/61 G05
–25
25
100
125
fS = 250kHz
VCC = 5V
VREF = 5V
VREF (V)
0
60
50
40
30
20
10
0
123
4
1860/61 G06
5
fS = 250kHz
TA = 25°C
VCC = 5V
CODE
0
4096
1860/61 G07
1024
2048
3072
1.0
0.5
0
–0.5
–1.0
512
1536
2560
3584
TA = 25°C
VCC = 5V
VREF = 5V
CODE
0
4096
1860/61 G07
1024
2048
3072
1.0
0.5
0
–0.5
–1.0
512
1536
2560
3584
TA = 25°C
VCC = 5V
VREF = 5V
TEMPERATURE (
°C)
–50
100
1860/61 G09
050
100
75
50
25
0
–25
25
75
125
VCC = 5V
VREF = 5V
CONV = 0V
TYPICAL PERFOR A CE CHARACTERISTICS
Change in Offset Error vs
Reference Voltage
Change in Offset vs Temperature
Change in Gain Error vs
Reference Voltage
REFERENCE VOLTAGE (V)
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
4
1860/61 G10
1
2
3
5
TA = 25°C
VCC = 5V
TEMPERATURE (
°C)
–50
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
50
75
1860/61 G11
–25
25
100
125
VCC = 5V
REFERENCE VOLTAGE(V)
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
2
4
5
1860/61 G12
1
3
VCC = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com