Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4368CMS-2 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4368CMS-2
Description  LTC4368 100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4368CMS-2 Datasheet(HTML) 2 Page - Analog Devices

  LTC4368CMS-2 Datasheet HTML 1Page - Analog Devices LTC4368CMS-2 Datasheet HTML 2Page - Analog Devices LTC4368CMS-2 Datasheet HTML 3Page - Analog Devices LTC4368CMS-2 Datasheet HTML 4Page - Analog Devices LTC4368CMS-2 Datasheet HTML 5Page - Analog Devices LTC4368CMS-2 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
DEMO MANUAL DC2418A
UG-1382 Rev A
OPERATING PRINCIPLES
TheLTC4368monitorstheinputvoltageandcurrentsense
resistor voltage. The controller disconnects a load from
the power rail when the input voltage is too low, too high
or negative, or when the voltage across the sense resistor
exceeds 50mV or is less than −3mV for the LTC4368-2
or is less than −50mV for the LTC4368-1. The LTC4368
providesaccurateovervoltageandundervoltagecompara-
tors to ensure that power is applied to the system only if
the input supply is within the allowable voltage window.
Reverse supply protection circuits automatically isolate
the load from negative input voltages.
During normal operation, a high voltage charge pump
enhances the gates of back-to-back external N-channel
power MOSFETs.
The LTC4368 consumes 5µA during shutdown state and
80µA while operating.
The demo board includes the LTC4368 protection con-
troller, two back-to-back connected N-channel MOSFETs,
the resistive divider for UV and OV threshold adjustment,
sense resistor for overcurrent protection, a few LEDs, and
jumpers for visual information and to control signal as-
signment. There is an option for retry operation with two
selectable cool-down time periods or for latch-off after a
forward overcurrent fault.
The DC2418A is available in two versions, DC2418A-A and
DC2418A-B, as shown on the board schematic.
The DC2418A-A is populated with:
• LTC4368-1 having a reverse overcurrent circuit breaker
threshold of –50mV
• SiR870ADP MOSFETs and 5mΩ sense resistor for 10A
maximum load
And the DC2418A-B has:
• LTC4368-2 having a reverse overcurrent circuit breaker
threshold of –3mV
• SiR7942DP dual MOSFET and 20mΩ sense resistor
for 2.5A maximum load
Turrets
VIN (E1, E10): Power rail input.
GND (E2, E9, E7, E12): Power and control ground.
VOUT (E6, E13): Circuit output for load connection.
UV (E3): UV pin.
OV (E4): OV pin.
SHDN (E5): SHDN pin.
FAULT (E8): FAULT pin.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VUV
UV Input Threshold Voltage
UV Falling
492.5
500
507.5
mV
VOV
OV Input Threshold Voltage
OV Rising
429.5
500
507.5
mV
tD(FAST)
Gate Fast Turn-Off Delay
CGATE = 2.2nF, UV, OV FAULT
2
6
µs
tFAULT
OV, UV Fault Propagation Delay
Overdrive = 50mV, VIN = 12V
1
2
µs
VSHDN
SHDN Input Threshold
SHDN Falling
0.4
0.75
1.2
V
VUV_BOARD Board Overvoltage Threshold
DC2418A-A and DC2418A-B
17.37
17.98
18.61
V
VOV_BOARD Board Undervoltage Threshold
DC2418A-A and DC2418A-B
3.4
3.51
3.63
V
ILIM_FORW
Board Forward Current Trip Threshold
DC2418A-A
DC2418A-B
8.32
2.08
10
2.5
11.72
2.92
A
A
ILIM_REVERS Board Reverse Current Trip Threshold
DC2418A-A
DC2418A-B
8.32
0.05
10
0.15
12.12
0.253
A
A
PERFORMANCE SUMMARY Specifications are at T
A = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com