Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

152S42G100 Datasheet(PDF) 6 Page - Johanson Technology Inc.

Part # 152S42G100
Description  MULTI-LAYER HIGH-Q CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

152S42G100 Datasheet(HTML) 6 Page - Johanson Technology Inc.

Back Button 152S42G100 Datasheet HTML 2Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 3Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 4Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 5Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 6Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 7Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 8Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 9Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 10Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
12
www.johansontechnology.com
S42E Family Termination Codes“V”,“T”, “U”, or “C”
S48E and S58E Families Termination Codes “U”,“C”
Microstrip Ribbon Leads (Non-Magnetic),
Termination Code“1”
Axial Ribbon Leads (Non-Magnetic), Termi-
nation Code“2”
Axial Wire Leads (Non-Magnetic),
Termination Code“3”
Radial Ribbon Leads (Non-Magnetic), Ter-
mination Code“4”
Radial Wire Leads (Non-Magnetic),
Termination Code“5”
Termination
Size
Units
L
Tol
W
Tol
T
E / B
Tol
V, T, U, C
T, U, C
T, U, C
S42E
In
0.110 +.020 -.010 0.110
+/- .015
0.102 Max. 0.015 Typ. +/- 0.008
mm
2.79
+0.51 -0.25
2.79
+/- 0.38
2.59 Max.
0.38 Typ.
+/- 0.20
S48E
In
0.230 +.025 -.010 0.250
+/- .015
0.150 Max. 0.025 Typ.
mm
5.84
+0.63 -0.25
6.35
+/- 0.38
3.81 Max.
0.63 Typ.
S58E
In
0.380 +.015 -.010 0.380
+/- .010
0.170 Max. 0.025 Typ.
mm
9.65
+0.38 -0.25
9.65
+/- 0.25
4.32 Max.
0.63 Typ.
For all E-Series Models:
OPERATING TEMP. :
-55 to +150°C
INSULATION RESISTANCE:
>10G @ 25°C
TEMPERATURE COEFFICIENT:
0 ± 30ppm /°C, -55 to
125°C
DISSIPATION FACTOR TYP. :
< 0.05% @ 1 MHz
E-SERIES TERMINATIONS AND LEADS
L
E/B
T
W
e
LL
LL
X
e
LL
LL
X
LL
W
X
X
X
LL
e
e
LL
X
e
e
LL
LL
LL
LL
W
T
W
T
Lead
Size
LL(min)
X
Tol
e
e-Tol
1
S42E
0.25
0.093
+/-0.005
0.004
+/- 0.002
6.40
2.36
+/- 0.13
0.102
+/- 0.051
S48E
0.394
0.217
+/- 0.02
0.009
- 0.0019/+ 0.0031
10.0
5.5
+/- 0.50
0.220
- 0.050/+ 0.080
S58E
0.748
0.35
+/- 0.02
0.010
- 0.0019/+ 0.0039
19.00
8.90
+/- 0.50
0.250
- 0.050/+ 0.100
2
S42E
0.25
0.093
+/-0.005
0.004
+/- 0.002
6.40
2.36
+/- 0.13
0.102
+/- 0.051
S48E
0.394
0.217
+/- 0.02
0.009
- 0.0019/+ 0.0031
10.00
5.50
+/- 0.50
0.220
- 0.050/+ 0.080
S58E
0.748
0.35
+/- 0.02
0.010
- 0.0019/+ 0.0039
19.00
8.90
+/- 0.50
0.25
- 0.050/+ 0.100
3
S42E
0.25
0.020in (0.511) diameter wire
6.40
S48E
0.394
10.00
S58E
0.748
19.00
CHIP DIMENSIONS
Drawings not to scale
Lead
Size
LL(min)
X
Tol
e
e-Tol
4
S42E
0.352
0.093
+/-0.005
0.004
+/- 0.002
8.90
2.36
+/- 0.13
0.102
+/- 0.051
S48E
0.501
0.217
+/- 0.02
0.009
- 0.0019/+ 0.0031
12.70
5.50
+/- 0.50
0.220
- 0.050/+ 0.080
S58E
0.886
0.35
+/- 0.02
0.010
- 0.0019/+ 0.0039
22.50
8.90
+/- 0.50
0.25
- 0.050/+ 0.100
5
S42E
0.25
0.020in (0.511) diameter wire
6.40
S48E
0.394
10.00
S58E
0.748
19.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com