Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

125 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 125
Description  2-input AND gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

125 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  125 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74AHC_AHCT1G08
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 18 November 2014
2 of 12
NXP Semiconductors
74AHC1G08; 74AHCT1G08
2-input AND gate
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Table 2.
Marking codes
Type number
Marking[1]
74AHC1G08GW
AE
74AHC1G08GV
A08
74AHCT1G08GW
CE
74AHCT1G08GV
C08
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
Fig 4.
Pin configuration
Table 3.
Pin description
Symbol
Pin
Description
B
1
data input
A
2
data input
GND
3
ground (0 V)
Y
4
data output
VCC
5
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com