Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNF18-111FIB-3K. Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # DNF18-111FIB-3K.
Description  Disco-Lok ™ Female Disconnects, Nylon Fully Insulated – Funnel Entry
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

DNF18-111FIB-3K. Datasheet(HTML) 1 Page - PANDUIT CORP.

  DNF18-111FIB-3K. Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Disco-Lok ™ Female Disconnects, Nylon Fully Insulated – Funnel Entry
• Continuously molded design provides reliable, consistent
performance through the applicator for a high quality termination
every time
• Disconnect can be inserted and removed from the male tab
without the use of tools for lower installed cost
• Unique locking mechanism design allows for low insertion forces
(mating) and positive lock for high vibration applications where a
secure connection is mandatory
• Fully insulated design provides protection from electrical shorts
• Flared barrel extension integrated into stamping to provide
insulation grip for double crimp requirements
• Insulation housing moves back and forth to engage and disengage
locking mechanism for repeated use
• Specialty tool required to install this disconnect (CT-1014)
• Mates with DNF-FIMB family
• UL Flammability UL 94V-2/HB, maximum insulation temperature
221°F (105°C)
• Rated up to 300 V
Female Disconnects, Nylon Fully Insulated – Funnel Entry
• Continuously molded design provides reliable, consistent
performance through the applicator for a high quality termination
every time
• Disconnect can be inserted and removed from the male tab without
the use of tools for lower installed cost
• Fully insulated design provides protection from electrical shorts
• Disconnects available in common industry tab sizes
• Internal wire stop assures proper length of insertion into terminal
barrel, providing a higher quality connection
• UL Flammability UL 94V-2/HB, maximum insulation temperature
221°F (105°C)
• UL and CSA rated up to 600 V per UL 310
*UL/CSA standards do not exist for 0.110" x 0.010" receptacles.
**UL with 17 AWG wire.
‡Compressor tab disconnect to fit 0.250" tabs with a post style support.
For applicator information, see page D1.143.
W
H
L
W
H
L
Type DNG-FL
Type DNF-FIB
For applicator information, see page D1.143.
Part Number
Wire
Range
Color
Code
Max.
Ins.
(In.)
Figure Dimensions
(In.)
Tab
Size
CA9
Series
Crimp Die
CA-800/EZ
Series
Crimp Die
Pieces
Per
Reel
L
W
H
In.
mm
DNG18-250FL-3K
22 – 18
AWG
Red
0.126
0.97
0.36
0.24
0.250 x
0.032
6.3 x 0.8
CD9-14A
CD-800-14
3000
DNG14-250FL-3K
16 – 14
AWG
Blue
0.150
0.97
0.36
0.25
0.250 x
0.032
6.3 x 0.8
CD9-14A
CD-800-14
3000
Part Number
Wire
Range
Color
Code
Max.
Ins.
(In.)
Figure Dimensions
(In.)
Tab
Size
CA9
Series
Crimp Die
CA-800/EZ
Series
Crimp Die
Pieces
Per
Reel
L
W
H
In.
mm
DNF18-110FIB-3K
22 – 18
AWG
Red
0.120
0.71
0.19
0.15
0.110 x 0.032
2.8 x 0.8
CD9-7A
CD-800-7
3000
DNF18-111FIB-3K
Red
0.120
0.71
0.19
0.15
0.110 x 0.020
2.8 x 0.5
CD9-7A
CD-800-7
3000
DNF18-112FIB-3K*
Natural
0.120
0.71
0.19
0.15
0.110 x 0.010
2.8 x 0.3
CD9-7A
CD-800-7
3000
DNF18-187FIB-3K
Red
0.136
0.78
0.29
0.16
0.187 x 0.032
4.8 x 0.8
CD9-4A
CD-800-4
3000
DNF18-188FIB-3K
Red
0.136
0.78
0.29
0.16
0.187 x 0.020
4.8 x 0.5
CD9-4A
CD-800-4
3000
DNF18-205FIB-3K
Red
0.136
0.78
0.31
0.22
0.187/0.205 x 0.032
4.8/5.2 x 0.8
CD9-4A
CD-800-4
3000
DNF18-206FIB-3K
Red
0.136
0.78
0.31
0.22
0.187/0.205 x 0.020
4.8/5.2 x 0.5
CD9-4A
CD-800-4
3000
DNF18-250FIB-3K**
Red
0.136
0.84
0.35
0.22
0.250 x 0.032
6.3 x 0.8
CD9-4A
CD-800-4
3000
DNF14-187FIB-3K
16 – 14
AWG
Blue
0.160
0.78
0.29
0.18
0.187 x 0.032
4.8 x 0.8
CD9-5A
CD-800-5
3000
DNF14-188FIB-3K
0.160
0.78
0.29
0.18
0.187 x 0.020
4.8 x 0.5
CD9-5A
CD-800-5
3000
DNF14-205FIB-3K
0.160
0.78
0.31
0.22
0.187/0.205 x 0.032
4.8/5.2 x 0.8
CD9-5A
CD-800-5
3000
DNF14-206FIB-3K
0.160
0.78
0.31
0.22
0.187/0.205 x 0.020
4.8/5.2 x 0.5
CD9-5A
CD-800-5
3000
DNF14-250FIB-3K
0.160
0.84
0.35
0.22
0.250 x 0.032
6.3 x 0.8
CD9-5A
CD-800-5
3000
DNF10-250FIB-2K
12 – 10
AWG
Yellow
0.220
0.96
0.35
0.23
0.250 x 0.032
6.3 x 0.8
CD9-13B
CD-800-13
2000
DNF10250FIBC-2K‡
0.220
0.96
0.35
0.23
0.250 x 0.032
6.4 x 0.8
CD9-13B
CD-800-13
2000


Similar Part No. - DNF18-111FIB-3K.

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
DNF18-111FIB-C PANDUIT-DNF18-111FIB-C Datasheet
105Kb / 1P
Female Disconnect, Nylon Fully Insulated – Funnel Entry
DNF18-111FIB-E PANDUIT-DNF18-111FIB-E Datasheet
500Kb / 2P
Convenience Pack Terminals
9/2009
More results

Similar Description - DNF18-111FIB-3K.

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
DV10-250 PANDUIT-DV10-250 Datasheet
54Kb / 1P
FEMALE DISCONNECTS, VINYL INSULATED
DNF18-250 PANDUIT-DNF18-250 Datasheet
58Kb / 1P
FEMALE DISCONNECTS, NYLON INSULATED, FUNNEL .250X .032
DNFR14-206FIB PANDUIT-DNFR14-206FIB Datasheet
69Kb / 1P
RIGHT ANGLE FULLY INSULATED FEMALE DISCONNECTS
logo
Hubbell Incorporated.
FQN10F25X03D HUBBELL-FQN10F25X03D Datasheet
273Kb / 2P
Brass Fully Insul Female Quick Disconnects, Funnel Entry, 10-12 AWG, 300 V, 0.98" L, 0.25" W, Nylon Insul, Tin Plated, Yellow(Insul Color).
FQN10M25X03D HUBBELL-FQN10M25X03D Datasheet
264Kb / 2P
Fully Insulated Brass Male Disconnect, 12-10 AWG, Nylon Insulated, Funnel Entry, Tin Plated.
FQN14F25X03D HUBBELL-FQN14F25X03D Datasheet
271Kb / 2P
Brass Fully Insul Female Quick Disconnects, Funnel Entry, 14-16 AWG, 300 V, 0.90" L, 0.25" W, Nylon Insul, Blue(Insul Color).
FQN14M25X03D HUBBELL-FQN14M25X03D Datasheet
265Kb / 2P
Fully Insulated Brass Male Disconnect, 16-14 AWG, Nylon Insulated, Funnel Entry, Tin Plated.
FQN18F25X03D HUBBELL-FQN18F25X03D Datasheet
274Kb / 2P
Brass Fully Insul Female Quick Disconnects, Funnel Entry, 18-22 AWG,300 V, 0.90" L, 0.25" W, Nylon Insul, Red(Insul Color).
FQP14F18X02D HUBBELL-FQP14F18X02D Datasheet
261Kb / 2P
Vinyl Fully Insulated Brass Female Quick Disconnects, 16 - 14 AWG
FQP18F25X03D HUBBELL-FQP18F25X03D Datasheet
260Kb / 2P
Vinyl Fully Insulated Brass Female Quick Disconnects, 22 - 18 AWG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com